データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0439N データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 N0439N
部品情報  N-channel MOSFET 40 V, 90 A, 3.3 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0439N データシート(HTML) 2 Page - Renesas Technology Corp

  N0439N Datasheet HTML 1Page - Renesas Technology Corp N0439N Datasheet HTML 2Page - Renesas Technology Corp N0439N Datasheet HTML 3Page - Renesas Technology Corp N0439N Datasheet HTML 4Page - Renesas Technology Corp N0439N Datasheet HTML 5Page - Renesas Technology Corp N0439N Datasheet HTML 6Page - Renesas Technology Corp N0439N Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N0439N
R07DS1065EJ0100 Rev.1.00
Page 2 of 6
Jun 13, 2013
Electrical Characteristics (TA = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 40V, VGS = 0 V
Gate Leakage Current
IGSS
±100
nA
VGS =
± 20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
2.0
3.0
4.0
V
VDS = VGS, ID = 250
μA
Forward Transfer Admittance
*1
| yfs |
30
S
VDS = 5 V, ID = 45 A
Drain to Source On-state Resistance
*1
RDS(on)
2.75
3.30
m
Ω
VGS = 10 V, ID = 45 A
Input Capacitance
Ciss
3900
5850
pF
VDS = 25 V
VGS = 0 V
f = 1 MHz
Output Capacitance
Coss
530
800
pF
Reverse Transfer Capacitance
Crss
200
360
pF
Turn-on Delay Time
td(on)
25
60
ns
VDD = 20V, ID = 45 A
VGS = 10 V
RG = 0
Ω
Rise Time
tr
12
30
ns
Turn-off Delay Time
td(off)
65
130
ns
Fall Time
tf
8
20
ns
Total Gate Charge
QG
68
102
nC
VDD = 32V
VGS = 10 V
ID = 90 A
Gate to Source Charge
QGS
18
nC
Gate to Drain Charge
QGD
18
nC
Body Diode Forward Voltage
*1
VF(S-D)
0.95
1.5
V
IF = 90 A, VGS = 0 V
Reverse Recovery Time
trr
47
ns
IF = 90 A, VGS = 0 V
di/dt = 100 A/
μs
Reverse Recovery Charge
Qrr
68
nC
Note: *1. Pulsed test
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


同様の部品番号 - N0439N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
N0439N ISC-N0439N Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - N0439N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PSMN3R3-40YS NXP-PSMN3R3-40YS Datasheet
255Kb / 15P
   N-channel LFPAK 40 V 3.3 m廓 standard level MOSFET
Rev. 01-8 March 2010
logo
Fairchild Semiconductor
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS8848NZ FAIRCHILD-FDMS8848NZ Datasheet
295Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 49 A, 3.1 m廓
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
logo
ON Semiconductor
NVMJST3D3N04C ONSEMI-NVMJST3D3N04C Datasheet
195Kb / 7P
   MOSFET – Power, Single N-Channel 40 V, 3.3 m, 157 A
August, 2022 - Rev. 1
NVMYS3D5N04C ONSEMI-NVMYS3D5N04C Datasheet
334Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 3.3 m, 102 A
July, 2019 ??Rev. 0
NTMYS3D5N04C ONSEMI-NTMYS3D5N04C Datasheet
331Kb / 7P
   MOSFET ??Power, Single, N-Channel 40 V, 3.3 m, 102 A
June, 2019-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com