データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN359BN-F095 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDN359BN-F095
部品情報  N-Channel Logic Level PowerTrenchTM MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN359BN-F095 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDN359BN-F095 Datasheet HTML 1Page - Fairchild Semiconductor FDN359BN-F095 Datasheet HTML 2Page - Fairchild Semiconductor FDN359BN-F095 Datasheet HTML 3Page - Fairchild Semiconductor FDN359BN-F095 Datasheet HTML 4Page - Fairchild Semiconductor FDN359BN-F095 Datasheet HTML 5Page - Fairchild Semiconductor FDN359BN-F095 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDN359BN Rev A(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA,Referenced to 25°C
21
mV/
°C
VDS = 24 V,
VGS = 0 V
1
µA
IDSS
Zero Gate Voltage Drain Current
TJ = -55
OC
10
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
1
1.8
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA,Referenced to 25°C
–4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 2.7 A
VGS = 4.5 V,
ID = 2.4 A
VGS = 10 V, ID = 2.7 A, TJ = 125°C
0.026
0.032
0.033
0.046
0.060
0.075
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
15
A
gFS
Forward Transconductance
VDS = 5V,
ID = 2.7 A
11
S
Dynamic Characteristics
Ciss
Input Capacitance
485
650
pF
Coss
Output Capacitance
105
140
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
65
100
pF
RG
Gate Resistance
f = 1.0 MHz
1.8
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
7
14
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
20
35
ns
tf
Turn–Off Fall Time
VDD = 15V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
2
4
ns
Qg
Total Gate Charge
5
7
nC
Qgs
Gate–Source Charge
1.3
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 2.7 A,
VGS = 5 V
1.8
nC


同様の部品番号 - FDN359BN-F095

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
logo
Guangdong Youtai Semico...
FDN359BN UMW-FDN359BN Datasheet
423Kb / 6P
   N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - FDN359BN-F095

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com