データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP24N08 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQP24N08
部品情報  80V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP24N08 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQP24N08 Datasheet HTML 1Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 2Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 3Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 4Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 5Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 6Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 7Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
August 2000
Rev. A, August 2000
QFET
QFET
QFET
QFETTM
FQP24N08
80V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as automotive, high
efficiency switching for DC/DC converters, and DC motor
control.
Features
• 24A, 80V, RDS(on) = 0.06Ω @VGS = 10 V
• Low gate charge ( typical 19 nC)
• Low Crss ( typical 50 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQP24N08
Units
VDSS
Drain-Source Voltage
80
V
ID
Drain Current
- Continuous (TC = 25°C)
24
A
- Continuous (TC = 100°C)
17
A
IDM
Drain Current
- Pulsed
(Note 1)
96
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
230
mJ
IAR
Avalanche Current
(Note 1)
24
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.5
V/ns
PD
Power Dissipation (TC = 25°C)
75
W
- Derate above 25°C
0.5
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.0
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220
FQP Series
G
S
D


同様の部品番号 - FQP24N08

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FQP24N08 ISC-FQP24N08 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQP24N08

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com