データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ14202EXT データシート(PDF) 4 Page - Texas Instruments

部品番号 LMZ14202EXT
部品情報  LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202EXT データシート(HTML) 4 Page - Texas Instruments

  LMZ14202EXT_13 Datasheet HTML 1Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 2Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 3Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 4Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 5Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 6Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 7Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 8Page - Texas Instruments LMZ14202EXT_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LMZ14202EXT
SNVS665E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1)
VIN, RON to GND
-0.3V to 43.5V
EN, FB, SS to GND
-0.3V to 7V
Junction Temperature
150°C
Storage Temperature Range
-65°C to 150°C
ESD Susceptibility(2)
± 2 kV
Peak Reflow Case Temperature
245°C
(30 sec)
For soldering specifications, refer to the following document: www.ti.com/lit/snoa549c
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-114.
Operating Ratings
(1)
VIN
6V to 42V
EN
0V to 6.5V
Operation Junction Temperature
−55°C to 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14202EXT


同様の部品番号 - LMZ14202EXT_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results

同様の説明 - LMZ14202EXT_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com