データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC088S085 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC088S085
部品情報  Ensured Monotonicity, Low Power Operation, Rail-to-Rail Voltage Output, Daisy Chain Capability
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC088S085 データシート(HTML) 3 Page - Texas Instruments

  DAC088S085 Datasheet HTML 1Page - Texas Instruments DAC088S085 Datasheet HTML 2Page - Texas Instruments DAC088S085 Datasheet HTML 3Page - Texas Instruments DAC088S085 Datasheet HTML 4Page - Texas Instruments DAC088S085 Datasheet HTML 5Page - Texas Instruments DAC088S085 Datasheet HTML 6Page - Texas Instruments DAC088S085 Datasheet HTML 7Page - Texas Instruments DAC088S085 Datasheet HTML 8Page - Texas Instruments DAC088S085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
13
14
15
SCLK
DAC088S085
SYNC
VOUTA
16
5
6
7
8
VA
9
10
11
VOUTG
12
VOUTB
VOUTC
VOUTD
VREF1
VOUTF
VOUTH
VOUTE
GND
VREF2
DIN
DOUT
1
2
3
4
DAC088S085
VOUTA
VOUTB
VOUTC
VOUTD
9
10
11
VOUTG
12
VOUTF
VOUTH
VOUTE
DAC088S085
www.ti.com
SNAS424C – AUGUST 2007 – REVISED MARCH 2013
Pin Configurations
WQFN
TSSOP
PIN DESCRIPTIONS
WQFN
TSSOP
Symbol
Type
Description
Pin No.
Pin No.
1
3
VOUTA
Analog Output
Channel A Analog Output Voltage.
2
4
VOUTB
Analog Output
Channel B Analog Output Voltage.
3
5
VOUTC
Analog Output
Channel C Analog Output Voltage.
4
6
VOUTD
Analog Output
Channel D Analog Output Voltage.
5
7
VA
Supply
Power supply input. Must be decoupled to GND.
Unbuffered reference voltage shared by Channels A, B, C, and D.
6
8
VREF1
Analog Input
Must be decoupled to GND.
Unbuffered reference voltage shared by Channels E, F, G, and H.
7
9
VREF2
Analog Input
Must be decoupled to GND.
8
10
GND
Ground
Ground reference for all on-chip circuitry.
9
11
VOUTH
Analog Output
Channel H Analog Output Voltage.
10
12
VOUTG
Analog Output
Channel G Analog Output Voltage.
11
13
VOUTF
Analog Output
Channel F Analog Output Voltage.
12
14
VOUTE
Analog Output
Channel E Analog Output Voltage.
Frame Synchronization Input. When this pin goes low, data is written
into the DAC's input shift register on the falling edges of SCLK. After
the 16th falling edge of SCLK, a rising edge of SYNC causes the
13
15
SYNC
Digital Input
DAC to be updated. If SYNC is brought high before the 15th falling
edge of SCLK, the rising edge of SYNC acts as an interrupt and the
write sequence is ignored by the DAC.
Serial Clock Input. Data is clocked into the input shift register on the
14
16
SCLK
Digital Input
falling edges of this pin.
Serial Data Input. Data is clocked into the 16-bit shift register on the
15
1
DIN
Digital Input
falling edges of SCLK after the fall of SYNC.
Serial Data Output. DOUT is utilized in daisy chain operation and is
connected directly to a DIN pin on another DAC088S085. Data is not
16
2
DOUT
Digital Output
available at DOUT unless SYNC remains low for more than 16 SCLK
cycles.
Exposed die attach pad can be connected to ground or left floating.
PAD
17
Ground
Soldering the pad to the PCB offers optimal thermal performance
(LLP only)
and enhances package self-alignment during reflow.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC088S085


同様の部品番号 - DAC088S085

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085 TI1-DAC088S085 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC088S085CIMT NSC-DAC088S085CIMT Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085CIMT/NOPB TI1-DAC088S085CIMT/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC088S085CIMTX NSC-DAC088S085CIMTX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

同様の説明 - DAC088S085

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMC6482AIM-NOPB TI-LMC6482AIM-NOPB Datasheet
2Mb / 35P
[Old version datasheet]   Rail-to-Rail Input Common-Mode Voltage Range (Ensured Over Temperature)
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com