データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2932 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC2932
部品情報  Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC2932 データシート(HTML) 8 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 4Page - Texas Instruments DAC2932 Datasheet HTML 5Page - Texas Instruments DAC2932 Datasheet HTML 6Page - Texas Instruments DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
8
PIN ASSIGNMENTS
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44 43 42 41 40 39 38
13 14 15 16 17 18 19 20 21 22 23
37
24
DAC2932
(V−DAC Section)
NC
+VAV
IOUT2
IOUT2
AGND
+VA
IOUT1
IOUT1
REFIN
+VA
AGND
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
D11:D0
1:12
I
Parallel data input port for the dual I-DACs; MSB = D11, LSB = D0; interleaved operation.
DGND
13
Digital ground of I-DAC
+VD
14
Digital supply of I-DAC; 2.7V to 3.3V
CLK
15
I
Clock input of I-DAC
PD
16
I
Power-down pin; active high; a logic high initiates power-down mode.
STBY
17
I
Standby pin of I-DAC; active low; a logic low initiates Standby mode with PD = Low.
A logic high configures the I-DAC for normal operation; pin will resume a high state if left open.
CS
18
I
Chip select; active low; enables the parallel data port of the I−DACs; if used as chip select in applications
using multiple DAC2932 devices, the parallel port data must be scrambled for proper functionality. Pin will
resume a low state if left open.
GSET
19
I
Gain-setting mode. A logic high enables the use of two separate full-scale adjust resistors on pins FSA1
and FSA2. A logic low allows the use of a common full-scale adjust resistor connected to FSA1. The
function of the FSA2 pin is disabled, and any remaining resistor has no effect. The value for the RSET
resistor remains the same for a given full-scale range, regardless of the selected GSET mode. Pin will
resume a low state if left open.
DGND
20
Digital ground of I-DAC
AGND
21
Analog ground of I-DAC
AGND
22
Analog ground of I-DAC
FSA2
23
I
Full-scale adjust of I-DAC2; connect external gain setting resistor RSET2 = 19.6kΩ.
FSA1
24
I
Full-scale adjust of I-DAC1; connect external gain setting resistor RSET1 = 19.6kΩ.


同様の部品番号 - DAC2932

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932PFBR BURR-BROWN-DAC2932PFBR Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBRG4 TI1-DAC2932PFBRG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

同様の説明 - DAC2932

メーカー部品番号データシート部品情報
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
   Dual 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com