データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33077DG データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC33077DG
部品情報  Low Noise Dual Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077DG データシート(HTML) 7 Page - ON Semiconductor

Back Button MC33077DG Datasheet HTML 3Page - ON Semiconductor MC33077DG Datasheet HTML 4Page - ON Semiconductor MC33077DG Datasheet HTML 5Page - ON Semiconductor MC33077DG Datasheet HTML 6Page - ON Semiconductor MC33077DG Datasheet HTML 7Page - ON Semiconductor MC33077DG Datasheet HTML 8Page - ON Semiconductor MC33077DG Datasheet HTML 9Page - ON Semiconductor MC33077DG Datasheet HTML 10Page - ON Semiconductor MC33077DG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC33077
http://onsemi.com
7
Figure 16. Output Voltage
versus Frequency
Figure 17. Open Loop Voltage Gain
versus Supply Voltage
Figure 18. Open Loop Voltage Gain
versus Temperature
Figure 19. Output Impedance
versus Frequency
Figure 20. Channel Separation
versus Frequency
Figure 21. Total Harmonic Distortion
versus Frequency
f, FREQUENCY (Hz)
VCC, |VEE|, SUPPLY VOLTAGE (V)
RL = 2.0 kW
f = 10 Hz
D VO = 2/3 (VCC −VEE)
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
f = 10 Hz
D VO = −10 V to +10 V
f, FREQUENCY (Hz)
DVOD
DVin
CS = 20 Log
Drive Channel
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
DVOD = 20 Vpp
TA = 25°C
AV = +10
AV = +100
AV = +1000
f, FREQUENCY (Hz)
AV = 1000
AV = 100
AV = 10
AV = 1.0
f, FREQUENCY (Hz)
30
25
20
15
10
5.0
0
1200
1000
800
600
400
200
0
600
550
500
450
400
350
300
160
150
140
130
120
110
100
1.0
0.1
0.01
0.001
80
70
60
50
40
30
20
10
0
100
1.0 k
10 k
100 k
1.0 M
0
5.0
10
15
20
−55
−25
0
25
50
75
100
125
10
100
1.0 k
10 k
100 k
10
100
1.0 k
10 k
100 k
100
1.0 k
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
AV =+1.0
THD
≤ 1.0%
TA = 25°C
VCC = +15 V
VEE = −15 V
VO = 0 V
TA = 25°C
DVin
DVO
+
Measurement Channel
VCC = +15 V VO = 2.0 Vpp
VEE = −15 V TA = 25°C
Vin
VO
+
2.0k
W
RA
100k
W
AV = +1.0


同様の部品番号 - MC33077DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33077D ONSEMI-MC33077D Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
MC33077D ONSEMI-MC33077D Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2 ONSEMI-MC33077DR2 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2G ONSEMI-MC33077DR2G Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results

同様の説明 - MC33077DG

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com