データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT948TA データシート(PDF) 4 Page - Diodes Incorporated

部品番号 FZT948TA
部品情報  SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT948TA データシート(HTML) 4 Page - Diodes Incorporated

  FZT948TA Datasheet HTML 1Page - Diodes Incorporated FZT948TA Datasheet HTML 2Page - Diodes Incorporated FZT948TA Datasheet HTML 3Page - Diodes Incorporated FZT948TA Datasheet HTML 4Page - Diodes Incorporated FZT948TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FZT949
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-50
-80
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CER
-50
-80
V
IC=-1µA, RB ≤1kΩ
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
-45
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-6
-8
V
IE=-100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µA
VCB=-40V
VCB=-40V,
Tamb=100°C
Collector Cut-Off Current
ICER
R
≤1kΩ
-50
-1
nA
µA
VCB=-40V
VCB=-40V,
Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter Saturation
Voltage
VCE(sat)
-50
-85
-190
-350
-75
-140
-270
-440
mV
mV
mV
mV
IC=-0.5A, IB=-20mA*
IC=-1A, IB=-20mA*
IC=-2A, IB=-200mA*
IC=-5.5A, IB=-500mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1100
-1250
mV
IC=-5.5A, IB=-500mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-900
-1060
mV
IC=-5.5A, VCE=-1V*
Static Forward
Current Transfer Ratio
hFE
100
100
75
200
200
140
35
300
IC=-10mA, VCE =-1V
IC=-1A, VCE =-1V*
IC=-5A, VCE =-1V*
IC=-20A, VCE =-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
122
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
120
130
ns
ns
IC=-4A, IB1=-400mA
IB2=400mA, VCC=-10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
RCE(sat)44m
Ω at 4.5A
TBA


同様の部品番号 - FZT948TA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FZT948TA DIODES-FZT948TA Datasheet
568Kb / 7P
   20V PNP MEDIUM POWER TRANSISTOR
More results

同様の説明 - FZT948TA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT968TA ETC2-FZT968TA Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com