データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085IT-5.0 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085IT-5.0
部品情報  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IT-5.0 データシート(HTML) 3 Page - Texas Instruments

  LM1085IT-5.0 Datasheet HTML 1Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 2Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 3Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 4Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 5Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 6Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 7Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 8Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Input to Output Voltage Differential
LM1085-ADJ
29V
LM1085-12
18V
LM1085-3.3
27V
LM1085-5.0
25V
Power Dissipation (3)
Internally Limited
Junction Temperature (TJ)
(4)
150°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature
260°C, to 10 sec
ESD Tolerance (5)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Power dissipation is kept in a safe range by current limiting circuitry. Refer to Overload Recovery in Application Notes.
(4)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal
Considerations in the Application Notes.
(5)
For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Operating Ratings
(1)
Junction Temperature (TJ)
(2)
−40°C to 125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal
Considerations in the Application Notes.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
LM1085-ADJ
Reference Voltage
VREF
IOUT = 10mA, VIN−VOUT = 3V
1.238
1.250
1.262
V
(3)
10mA
≤IOUT ≤ IFULL LOAD,1.5V ≤ (VIN−VOUT) ≤ 15V
1.225
1.250
1.270
LM1085-3.3
IOUT = 0mA, VIN = 5V
3.270
3.300
3.330
V
0
≤ IOUT ≤IFULL LOAD, 4.8V≤ VIN ≤15V
3.235
3.300
3.365
LM1085-5.0
Output Voltage
VOUT
IOUT = 0mA, VIN = 8V
4.950
5.000
5.050
V
(3)
0
≤ IOUT ≤ IFULL LOAD, 6.5V ≤ VIN ≤ 20V
4.900
5.000
5.100
LM1085-12
IOUT = 0mA, VIN = 15V
11.880
12.000
12.120
V
0
≤ IOUT ≤ IFULL LOAD, 13.5V ≤ VIN ≤ 25V
11.760
12.000
12.240
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines the current limit as a function of input-to-output voltage.
Note that 30W power dissipation for the LM1085 is only achievable over a limited range of input-to-output voltage.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1085


同様の部品番号 - LM1085IT-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085IT-5.0 NSC-LM1085IT-5.0 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085IT-5.0/NOPB TI1-LM1085IT-5.0/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085IT-5.0

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com