データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085IT-5.0 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085IT-5.0
部品情報  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IT-5.0 データシート(HTML) 10 Page - Texas Instruments

Back Button LM1085IT-5.0 Datasheet HTML 6Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 7Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 8Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 9Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 10Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 11Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 12Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 13Page - Texas Instruments LM1085IT-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM1085
SNVS038G – JULY 1999 – REVISED MARCH 2013
www.ti.com
THERMAL CONSIDERATIONS FOR THE TO-220 PACKAGE
ICs heats up when in operation, and power consumption is one factor in how hot it gets. The other factor is how
well the heat is dissipated. Heat dissipation is predictable by knowing the thermal resistance between the IC and
ambient (
θJA). Thermal resistance has units of temperature per power (°C/W). The higher the thermal resistance,
the hotter the IC.
The LM1085 specifies the thermal resistance for the TO-220 package as Junction to Case (
θJC). In order to get
the total resistance to ambient (
θJA), two other thermal resistances must be added, one for case to heat-sink
(
θCH) and one for heatsink to ambient (θHA). The junction temperature can be predicted as follows:
TJ = TA + (PD x (θJC + θCH + θHA))
(1)
TJ = TA + (PD x θJA)
(2)
where TJ is junction temperature, TA is ambient temperature, and PD is the power dissipation of the device.
Device power dissipation is calculated as follows:
PD = OUTPUT Section Dissipation + CONTROL Section Dissipation
(3)
PD = ( (VIN - VOUT) x ILOAD) + ( (VIN - VOUT) x IGND)
(4)
Figure 20 shows the voltages and currents which are present in the circuit.
Figure 20. Power Dissipation Diagram
Once the devices power is determined, the maximum allowable (
θJA(max)) is calculated as:
θJA(MAX) = TR(MAX) / PD
(5)
θJA(MAX)= TJ(MAX) - TA(MAX)) / PD
(6)
The required heat sink is determined by calculating its required thermal resistance (
θHA(MAX)).
θHA(MAX) = θJA(MAX) − (θJC + θCH)
(7)
If thermal compound is used,
θCH can be estimated at 0.2 C/W. If the case is soldered to the heat sink, then a
θCH can be estimated as 0 C/W.
If PC board copper is going to be used as a heat sink, then Figure 21 can be used to determine the appropriate
area (size) of copper foil required.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1085


同様の部品番号 - LM1085IT-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085IT-5.0 NSC-LM1085IT-5.0 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085IT-5.0/NOPB TI1-LM1085IT-5.0/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085IT-5.0

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com