データシートサーチシステム |
|
LM1085IS-3.3 データシート(PDF) 4 Page - Texas Instruments |
|
|
LM1085IS-3.3 データシート(HTML) 4 Page - Texas Instruments |
4 / 22 page LM1085 SNVS038G – JULY 1999 – REVISED MARCH 2013 www.ti.com Electrical Characteristics (continued) Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Min Typ Max Symbol Parameter Conditions Units (1) (2) (1) 0.015 0.2 LM1085-ADJ, IOUT =10mA, 1.5V≤ (VIN-VOUT) ≤ 15V % 0.035 0.2 0.5 6 LM1085-3.3, IOUT = 0mA, 4.8V ≤ VIN ≤ 15V mV 1.0 6 Line Regulation ΔVOUT (4) 0.5 10 LM1085-5.0, IOUT = 0mA, 6.5V ≤ VIN ≤ 20V mV 1.0 10 1.0 25 LM1085-12, I OUT =0mA, 13.5V ≤ VIN ≤ 25V mV 2.0 25 LM1085-ADJ, (VIN-V OUT) = 3V, 10mA ≤ IOUT ≤ IFULL 0.1 0.3 % LOAD 0.2 0.4 3 15 LM1085-3.3, VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD mV 7 20 Load Regulation ΔVOUT (4) 5 20 LM1085-5.0, VIN = 8V, 0 ≤ IOUT ≤ IFULL LOAD mV 10 35 12 36 LM1085-12, VIN = 15V, 0 ≤ IOUT ≤ IFULL LOAD mV 24 72 LM1085-ADJ, 3.3, 5, 12 VDO Dropout Voltage (5) V ΔVREF, ΔVOUT = 1%, IOUT = 3A 1.3 1.5 LM1085-ADJ, VIN−VOUT = 5V 3.2 5.5 A LM1085-ADJ, VIN−VOUT = 25V 0.2 0.5 ILIMIT Current Limit LM1085-3.3, VIN = 8.0V 3.2 5.5 A LM1085-5.0, VIN = 10V 3.2 5.5 A LM1085-12, VIN = 17V 3.2 5.5 A Minimum Load LM1085-ADJ, VIN −VOUT = 25V 5.0 10.0 mA Current (6) LM1085-3.3, VIN ≤ 18V 5.0 10.0 mA IGND Quiescent Current LM1085-5.0, VIN ≤ 20V 5.0 10.0 mA LM1085-12, VIN ≤ 25V 5.0 10.0 mA Thermal Regulation TA = 25°C, 30ms Pulse .004 0.02 %/W fRIPPLE = 120Hz, COUT = 25µF Tantalum, IOUT = 3A LM1085-ADJ 60 75 dB CADJ = 25µF, (VIN−VO) = 3V Ripple Rejection LM1085-3.3, VIN = 6.3V 60 72 dB LM1085-5.0, VIN = 8.0V 60 68 dB LM1085-12, VIN = 15V 54 60 dB IADJ Adjust Pin Current LM1085–ADJ 55 120 µA Adjust Pin Current LM1085–ADJ ΔIADJ 0.2 5 µA Change 10mA ≤ IOUT ≤ IFULL LOAD, 1.5V ≤ VIN−VOUT ≤ 25V Temperature Stability 0.5 % Long Term Stability TA= 125°C, 1000 Hrs 0.3 1.0 % RMS Output Noise 10Hz ≤ f ≤ 10 kHz 0.003 % (% of VOUT) 3-Lead DDPAK/TO-263 - 0.7 - Thermal Resistance θJC °C/W (Junction-to-Case) 3-Lead TO-220 - 0.7 - (4) Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W. Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will not be available over the full input/output range. (5) Dropout voltage is specified over the full output current range of the device. (6) The minimum output current required to maintain regulation. 4 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM1085 |
同様の部品番号 - LM1085IS-3.3 |
|
同様の説明 - LM1085IS-3.3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |