データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085IS-3.3 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085IS-3.3
部品情報  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IS-3.3 データシート(HTML) 7 Page - Texas Instruments

Back Button LM1085IS-3.3 Datasheet HTML 3Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 4Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 5Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 6Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 7Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 8Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 9Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 10Page - Texas Instruments LM1085IS-3.3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
APPLICATION NOTE
GENERAL
Figure 15 shows a basic functional diagram for the LM1085-Adj (excluding protection circuitry) . The topology is
basically that of the LM317 except for the pass transistor. Instead of a Darlingtion NPN with its two diode voltage
drop, the LM1085 uses a single NPN. This results in a lower dropout voltage. The structure of the pass transistor
is also known as a quasi LDO. The advantage a quasi LDO over a PNP LDO is its inherently lower quiescent
current. The LM1085 is ensured to provide a minimum dropout voltage 1.5V over temperature, at full load.
Figure 15. Basic Functional Diagram for the LM1085, excluding Protection circuitry
OUTPUT VOLTAGE
The LM1085 adjustable version develops at 1.25V reference voltage, (VREF), between the output and the adjust
terminal. As shown in figure 2, this voltage is applied across resistor R1 to generate a constant current I1. This
constant current then flows through R2. The resulting voltage drop across R2 adds to the reference voltage to
sets the desired output voltage.
The current IADJ from the adjustment terminal introduces an output error . But since it is small (120uA max), it
becomes negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 16. Basic Adjustable Regulator
STABILITY CONSIDERATION
Stability consideration primarily concern the phase response of the feedback loop. In order for stable operation,
the loop must maintain negative feedback. The LM1085 requires a certain amount series resistance with
capacitive loads. This series resistance introduces a zero within the loop to increase phase margin and thus
increase stability. The equivalent series resistance (ESR) of solid tantalum or aluminum electrolytic capacitors is
used to provide the appropriate zero (approximately 500 kHz).
The Aluminum electrolytic are less expensive than tantalums, but their ESR varies exponentially at cold
temperatures; therefore requiring close examination when choosing the desired transient response over
temperature. Tantalums are a convenient choice because their ESR varies less than 2:1 over temperature.
The recommended load/decoupling capacitance is a 10uF tantalum or a 50uF aluminum. These values will
assure stability for the majority of applications.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1085


同様の部品番号 - LM1085IS-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085IS-3.3 NSC-LM1085IS-3.3 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IS-3.3 TI1-LM1085IS-3.3 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085IS-3.3/NOPB TI1-LM1085IS-3.3/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085IS-3.3

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com