データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085IS-ADJ データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085IS-ADJ
部品情報  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085IS-ADJ データシート(HTML) 8 Page - Texas Instruments

Back Button LM1085IS-ADJ Datasheet HTML 4Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 5Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 6Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 7Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 8Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 9Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 10Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 11Page - Texas Instruments LM1085IS-ADJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM1085
SNVS038G – JULY 1999 – REVISED MARCH 2013
www.ti.com
The adjustable versions allows an additional capacitor to be used at the ADJ pin to increase ripple rejection. If
this is done the output capacitor should be increased to 22uF for tantalums or to 150uF for aluminum.
Capacitors other than tantalum or aluminum can be used at the adjust pin and the input pin. A 10uF capacitor is
a reasonable value at the input. See RIPPLE REJECTION section regarding the value for the adjust pin
capacitor.
It is desirable to have large output capacitance for applications that entail large changes in load current
(microprocessors for example). The higher the capacitance, the larger the available charge per demand. It is also
desirable to provide low ESR to reduce the change in output voltage:
V =
ΔI x ESR
It is common practice to use several tantalum and ceramic capacitors in parallel to reduce this change in the
output voltage by reducing the overall ESR.
Output capacitance can be increased indefinitely to improve transient response and stability.
RIPPLE REJECTION
Ripple rejection is a function of the open loop gain within the feed-back loop (refer to Figure 15 and Figure 16).
The LM1085 exhibits 75dB of ripple rejection (typ.). When adjusted for voltages higher than VREF, the ripple
rejection decreases as function of adjustment gain: (1+R1/R2) or VO/VREF. Therefore a 5V adjustment decreases
ripple rejection by a factor of four (
−12dB); Output ripple increases as adjustment voltage increases.
However, the adjustable version allows this degradation of ripple rejection to be compensated. The adjust
terminal can be bypassed to ground with a capacitor (CADJ). The impedance of the CADJ should be equal to or
less than R1 at the desired ripple frequency. This bypass capacitor prevents ripple from being amplified as the
output voltage is increased.
1/(2
π*fRIPPLE*CADJ) ≤ R1
LOAD REGULATION
The LM1085 regulates the voltage that appears between its output and ground pins, or between its output and
adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain the
best load regulation, a few precautions are needed.
Figure 17 shows a typical application using a fixed output regulator. Rt1 and Rt2 are the line resistances. VLOAD
is less than the VOUT by the sum of the voltage drops along the line resistances. In this case, the load regulation
seen at the RLOAD would be degraded from the data sheet specification. To improve this, the load should be tied
directly to the output terminal on the positive side and directly tied to the ground terminal on the negative side.
Figure 17. Typical Application using Fixed Output Regulator
When the adjustable regulator is used (Figure 18), the best performance is obtained with the positive side of the
resistor R1 tied directly to the output terminal of the regulator rather than near the load. This eliminates line drops
from appearing effectively in series with the reference and degrading regulation. For example, a 5V regulator with
0.05
Ω resistance between the regulator and load will have a load regulation due to line resistance of 0.05Ω x IL.
If R1 (= 125
Ω) is connected near the load the effective line resistance will be 0.05Ω (1 + R2/R1) or in this case, it
is 4 times worse. In addition, the ground side of the resistor R2 can be returned near the ground of the load to
provide remote ground sensing and improve load regulation.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1085


同様の部品番号 - LM1085IS-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085IS-ADJ NSC-LM1085IS-ADJ Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IS-ADJ TI1-LM1085IS-ADJ Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085IS-ADJ/NOPB TI1-LM1085IS-ADJ/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085IS-ADJ

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com