データシートサーチシステム |
|
LM1085ISX-ADJ データシート(PDF) 3 Page - Texas Instruments |
|
|
LM1085ISX-ADJ データシート(HTML) 3 Page - Texas Instruments |
3 / 22 page LM1085 www.ti.com SNVS038G – JULY 1999 – REVISED MARCH 2013 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Maximum Input to Output Voltage Differential LM1085-ADJ 29V LM1085-12 18V LM1085-3.3 27V LM1085-5.0 25V Power Dissipation (3) Internally Limited Junction Temperature (TJ) (4) 150°C Storage Temperature Range -65°C to 150°C Lead Temperature 260°C, to 10 sec ESD Tolerance (5) 2000V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) Power dissipation is kept in a safe range by current limiting circuitry. Refer to Overload Recovery in Application Notes. (4) The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal Considerations in the Application Notes. (5) For testing purposes, ESD was applied using human body model, 1.5k Ω in series with 100pF. Operating Ratings (1) Junction Temperature (TJ) (2) −40°C to 125°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see the Electrical Characteristics. (2) The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal Considerations in the Application Notes. Electrical Characteristics Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Min Typ Max Symbol Parameter Conditions Units (1) (2) (1) LM1085-ADJ Reference Voltage VREF IOUT = 10mA, VIN−VOUT = 3V 1.238 1.250 1.262 V (3) 10mA ≤IOUT ≤ IFULL LOAD,1.5V ≤ (VIN−VOUT) ≤ 15V 1.225 1.250 1.270 LM1085-3.3 IOUT = 0mA, VIN = 5V 3.270 3.300 3.330 V 0 ≤ IOUT ≤IFULL LOAD, 4.8V≤ VIN ≤15V 3.235 3.300 3.365 LM1085-5.0 Output Voltage VOUT IOUT = 0mA, VIN = 8V 4.950 5.000 5.050 V (3) 0 ≤ IOUT ≤ IFULL LOAD, 6.5V ≤ VIN ≤ 20V 4.900 5.000 5.100 LM1085-12 IOUT = 0mA, VIN = 15V 11.880 12.000 12.120 V 0 ≤ IOUT ≤ IFULL LOAD, 13.5V ≤ VIN ≤ 25V 11.760 12.000 12.240 (1) All limits are specified by testing or statistical analysis. (2) Typical Values represent the most likely parametric norm. (3) IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines the current limit as a function of input-to-output voltage. Note that 30W power dissipation for the LM1085 is only achievable over a limited range of input-to-output voltage. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM1085 |
同様の部品番号 - LM1085ISX-ADJ |
|
同様の説明 - LM1085ISX-ADJ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |