データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085ISX-ADJ データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085ISX-ADJ
部品情報  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085ISX-ADJ データシート(HTML) 11 Page - Texas Instruments

Back Button LM1085ISX-ADJ Datasheet HTML 7Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 8Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 9Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 10Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 11Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 12Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 13Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 14Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
Figure 21. Heat sink thermal Resistance vs Area
THERMAL CONSIDERATION FOR THE DDPAK/TO-263 PACKAGE
Unlike the TO-220 package, the TO-263 package uses the printed circuit board as the heat sink to remove heat
from the device. The device dissipation is:
PD = OUTPUT Section Dissipation + CONTROL Section Dissipation
(8)
For the LM1085IS-x.x pre-set voltage versions, the dissipation can be calculated using:
PD = ( (VIN - VOUT) x ILOAD) + ( (VIN- VOUT) x IGND)
(9)
The LM1085IS-ADJ adjustable voltage version, the dissipation can be calculated using:
PD = ( (VIN - VOUT) x ILOAD) + ( (VIN - VOUT) x (VREF / R1))
(10)
Current through the ADJ pin is sufficiently small such that any contribution to the device dissipation is so low that
it can safely be ignored.
Maximum power dissipation of the LM1085IS depends on the total thermal resistance from the silicon junction
through the package TAB (
θJC), into the PC board, copper traces, and other materials, and then into the
surrounding air (
θJA), the maximum allowed operating junction temperature (TJ(MAX)) of 125°C, and the maximum
ambient temperature (TA(MAX)). The maximum power dissipation in the device is:
PD(MAX) = (TJ(MAX) - TA(MAX)) / (θJA
(11)
For the LM1085IS in the DDPAK/TO-263 3-pin package, the junction-to-case thermal rating,
θJC, is 0.7°C/W,
where the case is the bottom of the package at the center of the TAB. Typical junction-to-ambient thermal
performance for the LM1085IS, using the JESD51 standards, is summarized in the following table:
BOARD TYPE
THERMAL VIAS
θJA
JEDEC 2-Layer
None
81 °C/W
(per JESD 51-3)
0
59 °C/W
2
31 °C/W
JEDEC 4-Layer
4
27 °C/W
(per JESD 51-7)
8
24 °C/W
12
23 °C/W
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1085


同様の部品番号 - LM1085ISX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085ISX-ADJ NSC-LM1085ISX-ADJ Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085ISX-ADJ TI1-LM1085ISX-ADJ Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085ISX-ADJ/ TI1-LM1085ISX-ADJ/ Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

同様の説明 - LM1085ISX-ADJ

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com