データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP6N45 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQP6N45
部品情報  450V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N45 データシート(HTML) 2 Page - Fairchild Semiconductor

  FQP6N45 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A1, January 2001
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 16mH, IAS = 6.2A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 6.2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
450
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.47
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 450 V, VGS = 0 V
--
--
1
µA
VDS = 360 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 3.1 A
--
0.86
1.1
gFS
Forward Transconductance
VDS = 50 V, ID = 3.1 A
--
4.6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
620
810
pF
Coss
Output Capacitance
--
95
125
pF
Crss
Reverse Transfer Capacitance
--
11
15
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 225 V, ID = 6.2 A,
RG = 25 Ω
--
15
40
ns
tr
Turn-On Rise Time
--
70
150
ns
td(off)
Turn-Off Delay Time
--
30
70
ns
tf
Turn-Off Fall Time
--
40
90
ns
Qg
Total Gate Charge
VDS = 360 V, ID = 6.2 A,
VGS = 10 V
--
16
21
nC
Qgs
Gate-Source Charge
--
4.3
--
nC
Qgd
Gate-Drain Charge
--
7.8
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
6.2
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
25
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 6.2 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 6.2 A,
dIF / dt = 100 A/µs
--
210
--
ns
Qrr
Reverse Recovery Charge
--
1.4
--
µC


同様の部品番号 - FQP6N45

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQP6N40 FAIRCHILD-FQP6N40 Datasheet
736Kb / 8P
   400V N-Channel MOSFET
FQP6N40C FAIRCHILD-FQP6N40C Datasheet
851Kb / 10P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP6N40C ISC-FQP6N40C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 8P
   400V N-Channel MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

同様の説明 - FQP6N45

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com