データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TZY2Z060A001 データシート(PDF) 5 Page - Murata Manufacturing Co., Ltd.

部品番号 TZY2Z060A001
部品情報  Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z060A001 データシート(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  TZY2Z060A001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z060A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Selection Guide of Ceramic Trimmer Capacitor
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
T13E.pdf
08.8.27
Start
Mounting Method
Soldering Method
Surface Mount
PCB Insertion
Reflow
Flow
Manual Insertion
High Frequency Power
Height 2.6mm max.
4.2(W) x 5.2(L)
TZW4
Height 1.45mm max.
2.3(W) x 3.2(L)
TZV2
Height 1.25mm max.
2.5(W) x 3.2(L)
TZY2
Height 1.00mm max.
2.2(W) x 2.7(L)
TZS2
Height 0.90mm max.
1.5(W) x 1.7(L)
TZR1
Height 1.7mm max.
3.2(W) x 4.5(L)
TZC3
Height 3.2mm max.
4.0(W) x 4.5(L)
TZB4_A
TZB4_B
TZB4_E
Height 3.2mm max.
4.0(W) x 4.5(L)
TZB4_A
(with cover film)
TZB4_B
(with cover film)
TZB4_E
(with cover film)
Height 5.3mm max.
6.0(W) x 6.0(L)
TZ03_F
TZ03_N
All products of Ceramic Trimmer Capacitor comply with RoHS and ELV


同様の部品番号 - TZY2Z060A001

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZY2Z060A001 MURATA-TZY2Z060A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2Z060A001B00 MURATA-TZY2Z060A001B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z060A001B00 MURATA1-TZY2Z060A001B00 Datasheet
268Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z060A001B00 MURATA1-TZY2Z060A001B00_V01 Datasheet
268Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z060A001R00 MURATA-TZY2Z060A001R00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

同様の説明 - TZY2Z060A001

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com