データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-Y402-G0000 データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-Y402-G0000
部品情報  T-1 (3 mm) GaP/GaAsP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Y402-G0000 データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-Y402-G0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Electrical /Optical Characteristic at TA = 25° C
Description
Symbol
Part Number
Min.
Typ.
Max.
Units
Test Conditions
Peak Wavelength
λPEAK
HLMP-Y301
HLMP-Y402
HLMP-Y502
635
610
565
nm
Measurement at peak
Dominant Wavelength
λd
HLMP-Y301
HLMP-Y402
HLMP-Y502
615
599.5
561.5
626
605
573
632
613.5
576.5
nm
Note 1
Spectrum Half Width
Δλ
HLMP-Y301
HLMP-Y402
HLMP-Y502
40
35
30
nm
Forward Voltage
VF
HLMP-Y301
HLMP-Y402
HLMP-Y502
2.1
2.1
2.2
2.6
2.6
2.6
VIF = 20 mA
(Figure 1)
Reverse Voltage
VR
HLMP-Y301
HLMP-Y402
HLMP-Y502
5
5
5
μAIR = 100 μA
Thermal Resistance
R
θJ-PIN
HLMP-Y301
HLMP-Y402
HLMP-Y502
310
310
310
°C/W
Junction to Cathode Lead
Notes:
1. The dominant wavelength,
λd, is derived from the Chromaticity Diagram and represents the color of the lamp.


同様の部品番号 - HLMP-Y402-G0000

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
   The junction temperature of the device determines
logo
Broadcom Corporation.
HLMP-Y601-J00XX BOARDCOM-HLMP-Y601-J00XX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y651 AVAGO-HLMP-Y651 Datasheet
70Kb / 3P
   The junction temperature of the device determines
More results

同様の説明 - HLMP-Y402-G0000

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com