データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP102EVM データシート(PDF) 5 Page - Texas Instruments

部品番号 TMP102EVM
部品情報  TMP102EVM Evaluation Board and Software Tutorial
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP102EVM データシート(HTML) 5 Page - Texas Instruments

  TMP102EVM Datasheet HTML 1Page - Texas Instruments TMP102EVM Datasheet HTML 2Page - Texas Instruments TMP102EVM Datasheet HTML 3Page - Texas Instruments TMP102EVM Datasheet HTML 4Page - Texas Instruments TMP102EVM Datasheet HTML 5Page - Texas Instruments TMP102EVM Datasheet HTML 6Page - Texas Instruments TMP102EVM Datasheet HTML 7Page - Texas Instruments TMP102EVM Datasheet HTML 8Page - Texas Instruments TMP102EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Test Point
Headers
TP1 to
TP4
10-Pin
SM-DIG Connector
I C Interface
2
TMP102
J1
4
www.ti.com
TMP102EVM Hardware Setup
2.1
Theory of Operation for TMP102 Hardware
The TMP102EVM only requires the two-wire I
2C lines (SDA and SCLK) and V
DUT/GND to supply a
constant 3.3 V and power return, as shown in Figure 3. The TMP102EVM also has test points to monitor
these signal lines and ground, in case users may want to use their own signals or verify successful I
2C
communications.
Figure 3. TMP102EVM Board Block Diagram
2.2
Signal Definitions of H1 (10-Pin Male Connector Socket)
Table 3 shows the pinout for the 10-pin connector socket used to communicate between the TMP102EVM
and the SM-USB-DIG. It should be noted that the TMP102EVM uses only the necessary I
2C
communication lines (pins 1 and 3) and the V
DUT and GND (pins 6 and 8, respectively) to issue commands
to the TMP102 sensors.
Table 3. Signal Definition of H1 on TMP102EVM Board
Pin on U1
Signal
Description
1
I2C_SCL
I
2C Clock Signal (SCL)
2
CTRL/MEAS4
GPIO: Control Output or Measure
Input
3
I2C_SDA1
I
2C Data Signal (SDA)
4
CTRL/MEAS5
GPIO: Control Output or Measure
Input
5
SPI_DOUT1
SPI Data Output (MOSI)
6
V
DUT
Switchable DUT Power Supply: +3.3
V, +5 V, Hi-Z (Disconnected)
(1)
7
SPI_CLK
SPI Clock Signal (SCLK)
8
GND
Power Return (GND)
9
SPI_CS1
SPI Chip Select Signal (CS)
10
SPI_DIN1
SPI Data Input (MISO)
(1)
When V
DUT is Hi-Z, all digital I/O are Hi-Z as well.
5
SBOU114
– August 2011
TMP102EVM Evaluation Board and Software Tutorial
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TMP102EVM

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

同様の説明 - TMP102EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
[Old version datasheet]   TMP104EVM Evaluation Board and Software Tutorial
INA230EVM TI1-INA230EVM Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com