データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQPF7N10L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQPF7N10L
部品情報  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF7N10L データシート(HTML) 3 Page - Fairchild Semiconductor

  FQPF7N10L Datasheet HTML 1Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 2Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 3Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 4Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 5Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 6Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 7Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. A4, December 2000
©2000 Fairchild Semiconductor International
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
10
1
25℃
175℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
02468
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 30V
2. 250μs Pulse Test
-55℃
175℃
25℃
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom : 3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
01
23
4
5
6
7
8
0
2
4
6
8
10
12
V
DS = 50V
V
DS = 80V
※ Note : I
D = 7.3 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
500
600
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0.0
0.3
0.6
0.9
1.2
1.5
V
GS = 10V
V
GS = 5V
※ Note : T
J = 25
I
D, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


同様の部品番号 - FQPF7N10L

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FQPF7N10L ISC-FQPF7N10L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQPF7N10L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com