データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQA13N80-F109 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQA13N80-F109
部品情報  12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N80-F109 データシート(HTML) 3 Page - Fairchild Semiconductor

  FQA13N80-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250µs Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top:
15.0 V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5 V
Notes :
1. 250µs Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
25
30
35
40
45
0.3
0.6
0.9
1.2
1.5
1.8
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
1020
3040
50
6070
80
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
Note : I
D = 12.6 A
Q
G, Total Gate Charge [nC]
3
www.fairchildsemi.com
©2007 Fairchild Semiconductor Corporation
FQA13N80_F109 Rev.
C0


同様の部品番号 - FQA13N80-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
833Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N80 ISC-FQA13N80 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80_06 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
More results

同様の説明 - FQA13N80-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
logo
Fairchild Semiconductor
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com