データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3TB5217-0LF4 データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 3TB5217-0LF4
部品情報  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TB5217-0LF4 データシート(HTML) 4 Page - Siemens Semiconductor Group

  3TB5217-0LF4 Datasheet HTML 1Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 2Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 3Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 4Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 5Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 6Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 7Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 8Page - Siemens Semiconductor Group 3TB5217-0LF4 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
Contactors with Extended Tolerance 0.7 ... 1.25 x
, for Railway Applications
3TC contactors for switching DC voltage, 2-pole
3/74
Siemens LV 1 · 2006
Overview
EN 60947-4-1.
For requirements according to IEC 60077-1 and IEC 60077-2.
The contactors are finger-safe according to EN 50274
(exception: series resistor). Terminal covers may have to be
fitted onto the connecting bars, depending on the configuration
with other devices.
Application
For operation in plants which are subject both to considerable
variations in the control voltage and to high ambient
temperatures, e.g. in railway applications.
Selection and ordering data
1) The number of auxiliary contacts cannot be increased.
With screw terminals
3TC44: for screw and snap-on mounting onto 35 mm standard mounting rail
3TC48 to 3TC56: for screw fixing
Solenoid fitted with varistor
3TC48
Size
Utilization
category
Rated
operational
current Ie at
Rating of AC loads at
Auxiliary
contacts1)
Rated control
supply
voltage Us
DT Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
750 V
220 V 440 V 600 V 750 V
A
kWkWkWkWNO
NC V DC
kg
Contactors for switching DC voltage
¼
DC operation · DC solenoid system
2
DC-1
DC-3/DC-5
32
7
14
19.2
24
2
1
24
B
3TC44 17-0LB4
1
1 unit
101
1.321
7.5
5
9
9
4
110
C
3TC44 17-0LF4
1
1 unit
101
1.310
4
DC-1
DC-3/DC-5
75
16.5
33
45
56
2
1
24
C
3TC48 17-0LB4
1
1 unit
101
4.857
75
13
27
38
45
110
C
3TC48 17-0LF4
1
1 unit
101
3.710
8
DC-1
DC-3/DC-5
170
48
97
132
165
2
1
24
C
3TC52 17-0LB4
1
1 unit
101
10.722
170
41
82
110
110
110
C
3TC52 17-0LF4
1
1 unit
101
10.830
12
DC-1
DC-3/DC-5
400
88
176
240
300
2
1
24
C
3TC56 17-0LB4
1
1 unit
101
24.150
400
70
140
200
250
110
C
3TC56 17-0LF4
1
1 unit
101
18.190
Us
* You can order this quantity or a multiple thereof.


同様の部品番号 - 3TB5217-0LF4

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
3TB5017-0B SIEMENS-3TB5017-0B Datasheet
490Kb / 4P
   3TB4817-0B / 3TB5017-0B
More results

同様の説明 - 3TB5217-0LF4

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com