データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BR2330-GUN データシート(PDF) 4 Page - Panasonic Battery Group

部品番号 BR2330-GUN
部品情報  Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONICBATTERY [Panasonic Battery Group]
ホームページ  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

BR2330-GUN データシート(HTML) 4 Page - Panasonic Battery Group

  BR2330-GUN Datasheet HTML 1Page - Panasonic Battery Group BR2330-GUN Datasheet HTML 2Page - Panasonic Battery Group BR2330-GUN Datasheet HTML 3Page - Panasonic Battery Group BR2330-GUN Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
■ Dimensions(mm)
Weight:0.8g
■ Specification
BR1225
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
■ Capacity vs. load resistance
Duration(h)
Load
60˚C
20˚C
3.2
3.0
2.8
2.6
0.3 0.4
0.6
1
0.1
0.2
-10˚C
~
~
46
8 10
23
0.3
0.5
1
20
5
10
2
3
2.4
2.2
80˚C
Load
Cut-off voltage:2.0V
60
50
40
30
20
10
0
(k
)
(mA)
Load:
0.5
0.3
0.2
0.1
0.05
0.03
4
5
6
8
10
20
30
40 50
60
80 100
-10˚C
0˚C
20˚C
45˚C
60˚C
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
48
0.03
-30 ~ +80
■ Temperature Characteristics
BR1220
10
Duration (h)
Load: 30k
Ω (90µA)
0
100
200
150
250
400
450
300
350
50
3.0
2.5
2.0
20˚C
60˚C
-10˚C
~
~
Load:
20
10
5
3
2
1
0.5
0.3
0.1
0.2
0.3 0.4
0.6
1
2
3
4
6
8 10
3.2
3.0
2.8
2.6
2.4
2.2
60˚C
20˚C
-10˚C
~
~
■ Capacity vs. load resistance
30
20
10
40
68
10
2
4
40
60 80
0.03
0.05
0.3
0.5
0.1
0.2
1
0
60˚C
20˚C
-10˚C
20
100
Load
Cut-off voltage
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance(voltage at 50% discharge depth)
Weight:0.7g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
35
0.03
-30 ~ +80
Poly-carbonmonofluoride Lithium Coin Batteries: Individual Specifications


同様の部品番号 - BR2330-GUN

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
BR2330 PANASONIC-BR2330 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
BR2330 PANASONIC-BR2330 Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
Panasonic Battery Group
BR2330 PANASONICBATTERY-BR2330 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
BR2330/1GVF PANASONICBATTERY-BR2330/1GVF Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
BR2330/1HE PANASONICBATTERY-BR2330/1HE Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
More results

同様の説明 - BR2330-GUN

メーカー部品番号データシート部品情報
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
ML2020 PANASONICBATTERY-ML2020 Datasheet
25Kb / 1P
   Manganese Lithium Coin Batteries
ML614 PANASONICBATTERY-ML614 Datasheet
39Kb / 1P
   Manganese Lithium Coin Batteries
ML421 PANASONICBATTERY-ML421 Datasheet
30Kb / 1P
   Manganese Lithium Coin Batteries
logo
List of Unclassifed Man...
CR2025 ETC-CR2025 Datasheet
238Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
CR2354 ETC-CR2354 Datasheet
270Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
logo
Panasonic Battery Group
VL2020 PANASONICBATTERY-VL2020 Datasheet
35Kb / 1P
   Vanadium Pentoxide Lithium Coin Batteries
VL2330 PANASONICBATTERY-VL2330 Datasheet
34Kb / 1P
   Vanadium Pentoxide Lithium Coin Batteries
logo
Mitsumi Electronics, Co...
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
   Protection of Lithium Ion Batteries
logo
List of Unclassifed Man...
CR1616 ETC-CR1616 Datasheet
267Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com