データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCWC0805 データシート(PDF) 4 Page - AVX Corporation

部品番号 LCWC0805
部品情報  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

LCWC0805 データシート(HTML) 4 Page - AVX Corporation

  LCWC0805 Datasheet HTML 1Page - AVX Corporation LCWC0805 Datasheet HTML 2Page - AVX Corporation LCWC0805 Datasheet HTML 3Page - AVX Corporation LCWC0805 Datasheet HTML 4Page - AVX Corporation LCWC0805 Datasheet HTML 5Page - AVX Corporation LCWC0805 Datasheet HTML 6Page - AVX Corporation LCWC0805 Datasheet HTML 7Page - AVX Corporation LCWC0805 Datasheet HTML 8Page - AVX Corporation LCWC0805 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
24
Wire Wound Chip Inductor
LCWC Series
0805
Inductance
Tolerance
L Freq.
Quality Factor
SRF
DCR
IDC
Color Code
(nH)
(MHz)
min.
(GHz) min.
(Ω) max.
(mA) max.
2.7
±5, ±10%
250
80 @ 1500MHz
7.900
0.06
800
Brown
2.8
±5, ±10%
250
80 @ 1500MHz
7.900
0.06
800
Gray
3.0
±5, ±10%
250
65 @ 1500MHz
7.900
0.06
800
White
3.3
±5, ±10%
250
50 @ 1500MHz
6.000
0.08
600
Black
5.6
±5, ±10%
250
65 @ 1000MHz
5.500
0.08
600
Orange
6.2
±5, ±10%
250
50 @ 1000MHz
5.500
0.11
600
Green
6.8
±5, ±10%
250
50 @ 1000MHz
5.500
0.11
600
Brown
7.5
±5, ±10%
250
50 @ 1000MHz
4.500
0.14
600
Green
8.2
±5, ±10%
250
50 @ 1000MHz
4.700
0.12
600
Red
8.7
±5, ±10%
250
50 @ 1000MHz
4.000
0.21
400
White
10
±2, ±5, ±10%
250
60 @ 500MHz
4.200
0.10
600
Blue
12
±2, ±5, ±10%
250
50 @ 500MHz
4.000
0.15
600
Orange
15
±2, ±5, ±10%
250
50 @ 500MHz
3.400
0.17
600
Yellow
18
±2, ±5, ±10%
250
50 @ 500MHz
3.300
0.20
600
Green
22
±2, ±5, ±10%
250
55 @ 500MHz
2.600
0.22
500
Blue
24
±2, ±5, ±10%
250
50 @ 500MHz
2.000
0.22
500
Gray
27
±2, ±5, ±10%
250
55 @ 500MHz
2.500
0.25
500
Violet
33
±2, ±5, ±10%
250
60 @ 500MHz
2.050
0.27
500
Gray
36
±2, ±5, ±10%
250
55 @ 500MHz
1.700
0.27
500
Orange
39
±2, ±5, ±10%
250
60 @ 500MHz
2.000
0.29
500
White
43
±2, ±5, ±10%
200
60 @ 500MHz
1.650
0.34
500
Yellow
47
±2, ±5, ±10%
200
60 @ 500MHz
1.650
0.31
500
Black
56
±2, ±5, ±10%
200
60 @ 500MHz
1.550
0.34
500
Brown
68
±2, ±5, ±10%
200
60 @ 500MHz
1.450
0.38
500
Red
72
±2, ±5, ±10%
150
65 @ 500MHz
1.400
0.40
500
Green
82
±2, ±5, ±10%
150
65 @ 500MHz
1.300
0.42
400
Orange
91
±2, ±5, ±10%
150
65 @ 500MHz
1.200
0.48
400
Black
100
±2, ±5, ±10%
150
65 @ 500MHz
1.200
0.46
400
Yellow
110
±2, ±5, ±10%
150
50 @ 250MHz
1.000
0.48
400
Brown
120
±2, ±5, ±10%
150
50 @ 250MHz
1.100
0.51
400
Green
150
±2, ±5, ±10%
100
50 @ 250MHz
0.920
0.56
400
Blue
180
±2, ±5, ±10%
100
50 @ 250MHz
0.870
0.64
400
Violet
200
±2, ±5, ±10%
100
50 @ 250MHz
0.860
0.66
400
Orange
220
±2, ±5, ±10%
100
50 @ 250MHz
0.850
0.70
400
Gray
240
±2, ±5, ±10%
100
44 @ 250MHz
0.690
1.00
350
Red
250
±2, ±5, ±10%
100
50 @ 250MHz
0.680
1.00
350
Green
270
±2, ±5, ±10%
100
48 @ 250MHz
0.650
1.00
350
White
300
±2, ±5, ±10%
100
48 @ 250MHz
0.620
1.20
330
Yellow
330
±2, ±5, ±10%
100
48 @ 250MHz
0.600
1.40
310
Black
360
±2, ±5, ±10%
100
48 @ 250MHz
0.580
1.45
300
Green
390
±2, ±5, ±10%
100
48 @ 250MHz
0.560
1.50
290
Brown
430
±2, ±5, ±10%
50
33 @ 100MHz
0.430
1.70
230
Blue
470
±2, ±5, ±10%
50
33 @ 100MHz
0.375
1.70
250
Red
560
±2, ±5, ±10%
25
23 @ 50MHz
0.340
1.90
230
Orange
600
±2, ±5, ±10%
25
23 @ 50MHz
0.260
1.60
450
White
620
±2, ±5, ±10%
25
23 @ 50MHz
0.220
2.20
210
Yellow
680
±2, ±5, ±10%
25
23 @ 50MHz
0.200
2.20
190
Green
750
±2, ±5, ±10%
25
23 @ 50MHz
0.200
2.30
180
Blue
820
±2, ±5, ±10%
25
23 @ 50MHz
0.200
2.35
180
Violet
1000
±2, ±5, ±10%
25
20 @ 50MHz
0.100
2.50
170
Gray
1200
±2, ±5, ±10%
7.9
18 @ 25MHz
0.100
2.50
170
White
1500
±2, ±5, ±10%
7.9
16 @ 25MHz
0.100
2.50
170
Black
1800
±2, ±5, ±10%
7.9
16 @ 7.9MHz
0.080
2.50
170
Brown
2200
±2, ±5, ±10%
7.9
16 @ 7.9MHz
0.060
2.70
160
Red
2700
±2, ±5, ±10%
7.9
16 @ 7.9MHz
0.050
3.10
150
Orange
3300
±2, ±5, ±10%
7.9
15 @ 7.9MHz
0.040
4.40
90
Blue
4700
±2, ±5, ±10%
7.9
15 @ 7.9MHz
0.040
6.40
90
Green


同様の部品番号 - LCWC0805

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LCWCP7P OSRAM-LCWCP7P Datasheet
565Kb / 21P
   SMD Keramik Geh채use mit Silikonverguss und Linse
LCWCP7P.PC OSRAM-LCWCP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.EC OSRAM-LCWCQ7P.EC Datasheet
1Mb / 27P
   SMT ceramic package with silicone resin and silicone lens
More results

同様の説明 - LCWC0805

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com