データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3TC5617-0AB4 データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 3TC5617-0AB4
部品情報  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC5617-0AB4 データシート(HTML) 6 Page - Siemens Semiconductor Group

Back Button 3TC5617-0AB4 Datasheet HTML 2Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 3Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 4Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 5Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 6Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 7Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 8Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 9Page - Siemens Semiconductor Group 3TC5617-0AB4 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
3TC Contactors for Switching DC Voltage
1- and 2-pole, 32 ... 400 A
3/76
Siemens LV 1 · 2006
Selection and ordering data
1) For the permissible load for utilization category DC-1,
see Technical Specifications.
2) The auxiliary switch complement cannot be altered on DC-operated
contactors.
3) The following rated operational currents are permitted for reversing duty
with 3TC44 to 3TC56 contactors:
Contactor
Rated operating voltage
Type
110 V, 220 V
440 V
3TC44
32 A
7 A
3TC48
75 A
75 A
3TC52
170 A
170 A
3TC56
400 A
400 A
4) For > 600 V: Ie = 170 A.
5) Operating range at 220 V: 0.85 to 1.15 x Us.
3TC44
3TC48
Size
Rated data DC-3 and DC-51)
Auxiliary
contacts2)
Rated control
supply voltage
Us
DT Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Opera-
tional
current Ie
3)
Ratings of
DC motors at
Version
110 V 220 V 440 V 600 V 750 V
A
kWkWkWkWkW
NO
NC
V
kg
3TC44 to 3TC56 2-pole contactors
¼ Operating voltage up to 440 V
DC operation
Screw and snap-on mounting onto 35 mm standard mounting rail
2
32
2.5
59
94
2
2
24 DC
}
3TC44 17-0AB4
1 1 unit 101
1.050
110 DC
}
3TC44 17-0AF4
1 1 unit 101
1.046
220 DC
}
3TC44 17-0AM4
1 1 unit 101
1.050
Screw mounting
4
75
6.5
13
27
38
45
2
2
24 DC
}
3TC48 17-0AB4
1 1 unit 101
4.680
110 DC
}
3TC48 17-0AF4
1 1 unit 101
4.745
220 DC
A
3TC48 17-0AM4
1 1 unit 101
4.513
8
2204)
20
41
82
110
110
2
2
24 DC
C
3TC52 17-0AB4
1 1 unit 101
10.589
110 DC
C
3TC52 17-0AF4
1 1 unit 101
9.826
220 DC
C
3TC52 17-0AM4
1 1 unit 101
9.878
12
400
35
70
140
200
250
2
2
24 DC
C
3TC56 17-0AB4
1 1 unit 101
17.870
110 DC
C
3TC56 17-0AF4
1 1 unit 101
19.318
220 DC
C
3TC56 17-0AM4
1 1 unit 101
22.870
AC operation, 50/Hz
Screw and snap-on mounting onto 35 mm standard mounting rail
2
32
2.5
5
9
9
4
2
2
220 / 230 AC5) }
3TC44 17-0BP0
1 1 unit 101
0.673
110 / 110 AC
}
3TC44 17-0BF0
1 1 unit 101
0.683
Screw mounting
4
75
6.5
13
27
38
45
2
2
220 / 230 AC5) }
3TC48 17-0BP0
1 1 unit 101
3.447
110 AC
C
3TC48 17-0BF0
1 1 unit 101
3.487
8
2204)
20
41
82
110
110
2
2
220 / 230 AC5) A
3TC52 17-0BP0
1 1 unit 101
7.005
110 AC
C
3TC52 17-0BF0
1 1 unit 101
7.041
12
400
35
70
140
200
250
2
2
220 / 230 AC5) C
3TC56 17-0BP0
1 1 unit 101
14.437
110 AC
C
3TC56 17-0BF0
1 1 unit 101
14.363
For more rated control supply voltages Us, see page 3/77.
* You can order this quantity or a multiple thereof.


同様の説明 - 3TC5617-0AB4

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com