データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA15QS70-4 データシート(PDF) 1 Page - Littelfuse

部品番号 LA15QS70-4
部品情報  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS70-4 データシート(HTML) 1 Page - Littelfuse

  LA15QS70-4 Datasheet HTML 1Page - Littelfuse LA15QS70-4 Datasheet HTML 2Page - Littelfuse LA15QS70-4 Datasheet HTML 3Page - Littelfuse LA15QS70-4 Datasheet HTML 4Page - Littelfuse LA15QS70-4 Datasheet HTML 5Page - Littelfuse LA15QS70-4 Datasheet HTML 6Page - Littelfuse LA15QS70-4 Datasheet HTML 7Page - Littelfuse LA15QS70-4 Datasheet HTML 8Page - Littelfuse LA15QS70-4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
1
TradiTional SemiconducTor FuSeS
150/250/500/600/700 VAC • Very Fast-Acting • 1 – 1200 Amperes
ampere
raTingS
SerieS & VolTage raTingS
l15S
150 Vac
150 Vdc (1 – 60 a)
100 Vdc (70 – 1000 a)
l25S
250 Vac
250 Vdc (1 – 200 a)
200 Vdc (225 – 800 a)
l50S
500 Vac
450 Vdc
l60S
600 Vac
Klc‡
600 Vac
l70S
700 Vac
650 Vdc
1
L15S 1
L25S 1
L60S 1
KLC 1
2
L15S 2
L25S 2
L60S 2
KLC 2
3
L15S 3
L25S 3
L60S 3
KLC 3
4
L15S 4
L25S 4
L60S 4
KLC 4
5
L15S 5
L25S 5
L60S 5
KLC 5
6
L15S 6
L25S 6
L60S 6
KLC 6
7
L15S 7
KLC 7
8
L15S 8
L25S 8
L60S 8
KLC 8
9
L15S 9
10
L15S 10
L25S 10
L50S 10
L60S 10
KLC 10
L70S 10
12
L15S 12
L25S 12
L50S 12
L60S 12
KLC 12
15
L15S 15
L25S 15
L50S 15
L60S 15
KLC 15
L70S 15
1712
L60S 1712
KLC 1712
20
L15S 20
L25S 20
L50S 20
L60S 20
KLC 20
L70S 20
25
L15S 25
L25S 25
L50S 25
L60S 25
KLC 25
L70S 25
30
L15S 30
L25S 30
L50S 30
L60S 30
KLC 30
L70S 30
35
L15S 35
L25S 35
L50S 35
L60S 35
KLC 35
L70S 35
40
L15S 40
L25S 40
L50S 40
L60S 40
KLC 40
L70S 40
45
L15S 45
L25S 45
L60S 45
KLC 45
50
L15S 50
L25S 50
L50S 50
L60S 50
KLC 50
L70S 50
60
L15S 60
L25S 60
L50S 60
L60S 60
KLC 60
L70S 60
70
L15S 70
L25S 70
L50S 70
L60S 70
KLC 70
L70S 70
80
L15S 80
L25S 80
L50S 80
L60S 80
KLC 80
L70S 80
90
L15S 90
L25S 90
L50S 90
L60S 90
KLC 90
L70S 90
100
L15S 100
L25S 100
L50S 100
L60S 100
KLC 100
L70S 100
110
KLC 110
125
L15S 125
L25S 125
L50S 125
L60S 125
KLC 125
L70S 125
150
L15S 150
L25S 150
L50S 150
L60S 150
KLC 150
L70S 150
175
L25S 175
L50S 175
L60S 175
KLC 175
L70S 175
200
L15S 200
L25S 200
L50S 200
L60S 200
KLC 200
L70S 200
225
L25S 225
L50S 225
L60S 225
KLC 225
L70S 225
250
L15S 250
L25S 250
L50S 250
L60S 250
KLC 250
L70S 250
275
L25S 275
L50S 275
300
L15S 300
L25S 300
L50S 300
L60S 300
KLC 300
L70S 300
350
L15S 350
L25S 350
L50S 350
L60S 350
KLC 350
L70S 350
400
L15S 400
L25S 400
L50S 400
L60S 400
KLC 400
L70S 400
450
L15S 450
L25S 450
L50S 450
L60S 450
KLC 450
L70S 450
500
L15S 500
L25S 500
L50S 500
L60S 500
KLC 500
L70S 500
550
L50S 550
600
L15S 600
L25S 600
L50S 600
L60S 600
KLC 600
L70S 600
700
L25S 700
L50S 700
L60S 700
KLC 700
L70S 700
800
L15S 800
L25S 800
L50S 800
L60S 800
KLC 800
L70S 800
900
LA50P9004
LA70P9004
1000
L15S 1000
LA50P10004
LA70P10004
1200
LA50P12004
LA70P12004
‡ KLC series fuses are recommended for replacement use only.
Specifications
Voltage Ratings:
L15S:
150 VAC/DC (1 – 60 A)
150 VAC (70 – 1000 A)
100 VDC (70 – 1000 A)
L25S:
250 VAC/DC (1 – 200 A)
250 VAC (225 – 800 A)
200 VDC (225 – 800 A)
L50S:
500 VAC/450 VDC
L60S:
600 VAC
KLC:
600 VAC
L70S:
700 VAC/650 VDC
L25S series fuses are Littelfuse Certified
for DC ratings shown in Rating Table.
Interrupting Rating:
AC:
200 kA rms
(L15S series 100 kA)
DC:
20 kA
Ampere Range:
1 – 1200 A
See Rating Table for ratings available in
each series.
Approvals:
UL Recognized (File No. E71611)
CSA Recognized (File No. LR29862)
Recommended
Fuseholders
1LFS101/1LFS102............ pg. 121
LSCR001/LSCR002.......... pg. 120
Web Resources
For additional information, visit:
www.littelfuse.com/semi


同様の部品番号 - LA15QS70-4

メーカー部品番号データシート部品情報
logo
Littelfuse
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

同様の説明 - LA15QS70-4

メーカー部品番号データシート部品情報
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com