データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1411A800 データシート(PDF) 3 Page - Littelfuse

部品番号 SL1411A800
部品情報  RoHS complaint Lead-free Excellent response to fast rising transients
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1411A800 データシート(HTML) 3 Page - Littelfuse

  SL1411A800 Datasheet HTML 1Page - Littelfuse SL1411A800 Datasheet HTML 2Page - Littelfuse SL1411A800 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
61
©2008 Littelfuse, Inc.
Revised: January 16, 2009
Gas Plasma Arrester (GDT) Products
Heavy Duty Delta Range > SL1411A Series
SL1411A Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/SL1411A.html for current information.
Dimensions mm [inches]
Part Numbering System
A xxx xx
Voltage
Configuration
SL1411
Surge Capability
A= 5kA
Series
SM= Surface Mount
C= Core
A= Axial Leaded
8.0 ±0.2
SL1411AxxxC
7.0
1.3
RECOMMENDED PAD LAYOUT
FOR “SM” AND “C”
SURFACE MOUNT DEVICES
5.4
0.8
6.0±0.2
6.0±0.2
SL1411AxxxA
62.0 ±2
1.0 ±0.1
8.0 ±0.2
SL1411AxxxSM
6.0±0.3
8.0 ±0.2


同様の部品番号 - SL1411A800

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1411A800 LITTELFUSE-SL1411A800 Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
More results

同様の説明 - SL1411A800

メーカー部品番号データシート部品情報
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com