データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB560 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FSB560
部品情報  NPN Low Saturation Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB560 データシート(HTML) 4 Page - Fairchild Semiconductor

  FSB560 Datasheet HTML 1Page - Fairchild Semiconductor FSB560 Datasheet HTML 2Page - Fairchild Semiconductor FSB560 Datasheet HTML 3Page - Fairchild Semiconductor FSB560 Datasheet HTML 4Page - Fairchild Semiconductor FSB560 Datasheet HTML 5Page - Fairchild Semiconductor FSB560 Datasheet HTML 6Page - Fairchild Semiconductor FSB560 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSOT-3 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empty pockets
SSOT-3 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-3 Std Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183 343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0097
0.0097
Weight per Reel (kg)
0.1230
0.4150
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
Human Readable
Label
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SSOT-3 Std Unit Orientation
3P
3P
3P
3P
Customize Label
Human Readable
Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SSOT-3 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchild logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SuperSOTTM-3 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


同様の部品番号 - FSB560

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB560 FAIRCHILD-FSB560 Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB560 ONSEMI-FSB560 Datasheet
506Kb / 5P
   PN Low-Saturation Transistor
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSB560A FAIRCHILD-FSB560A Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB560A ONSEMI-FSB560A Datasheet
506Kb / 5P
   PN Low-Saturation Transistor
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSB560 FAIRCHILD-FSB560_01 Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
More results

同様の説明 - FSB560

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
FPN560 FAIRCHILD-FPN560 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB649 FAIRCHILD-FSB649 Datasheet
30Kb / 3P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB619 ONSEMI-FSB619 Datasheet
251Kb / 7P
   NPN Low-Saturation Transistor
September 2015 Rev. 2.2
FMMT449 ONSEMI-FMMT449 Datasheet
124Kb / 5P
   NPN Low Saturation Transistor
Rev. A
logo
Fairchild Semiconductor
FPN330A FAIRCHILD-FPN330A Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN330 FAIRCHILD-FPN330 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN530 FAIRCHILD-FPN530 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB560 FAIRCHILD-FSB560_01 Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com