データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7915TU データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 KA7915TU
部品情報  Output Current in Excess of 1A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KA7915TU データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button KA7915TU Datasheet HTML 5Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 6Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 7Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 8Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 9Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 10Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 11Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 12Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
KA79XX/KA79XXA
9
Electrical Characteristics (KA7924) (Continued)
(VI = -33V, IO = 500mA, 0°C ≤TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.)
Note
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output Voltage
VO
TJ = +25°C-23
-24
-25
V
IO = 5mA to 1A, PO ≤ 15W
VI = -27V to -38V
-22.8
-24
-25.2
Line Regulation (Note1)
ΔVO
TJ =+25°C
VI = -27V to -38V
-
15
480
mV
VI = -30V to -36V
-
8
180
Load Regulation (Note1)
ΔVO
TJ = +25°C, IO = 5mA to 1.5A
-
15
480
mV
TJ = +25°C, IO = 250mA to 750mA
-
5
240
Quiescent Current
IQ
TJ = +25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -27V to -38V
-
0.1
1
Temperature Coefficient of VD ΔVo/ΔTIO = 5mA
-
-1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25°C-
400
-
μV
Ripple Rejection
RR
f = 120Hz,
ΔVI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ =+25°C, IO = 1A
-
2
-
V
Short Circuit Current
ISC
TJ =+25°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ =+25°C-
2.2
-
A


同様の部品番号 - KA7915TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7915TU FAIRCHILD-KA7915TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7915TU FAIRCHILD-KA7915TU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7915TU FAIRCHILD-KA7915TU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

同様の説明 - KA7915TU

メーカー部品番号データシート部品情報
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Texas Instruments
LM2937 TI-LM2937 Datasheet
1Mb / 24P
[Old version datasheet]   Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940 Datasheet
724Kb / 13P
   Output cur rent in exces s of 1A
logo
NXP Semiconductors
HEF4049BT-652 NXP-HEF4049BT-652 Datasheet
141Kb / 12P
   Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com