データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5172BRMZ50-RL72 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5172BRMZ50-RL72
部品情報  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5172BRMZ50-RL72 データシート(HTML) 1 Page - Analog Devices

  AD5172BRMZ50-RL72 Datasheet HTML 1Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 2Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 3Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 4Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 5Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 6Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 7Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 8Page - Analog Devices AD5172BRMZ50-RL72 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
256-Position, One-Time Programmable,
Dual-Channel, I2C Digital Potentiometers
AD5172/AD5173
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel, 256-position potentiometers
One-time programmable (OTP) set-and-forget resistance
setting provides a low cost alternative to EEMEM
Unlimited adjustments prior to OTP activation
OTP overwrite allows dynamic adjustments with user-
defined preset
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
Compact 10-lead MSOP: 3 mm × 4.9 mm
Fast settling time: tS = 5 μs typical on power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pins: AD0 and AD1 (AD5173)
Single supply: 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power: IDD = 6 μA maximum
Wide operating temperature: −40°C to +125°C
APPLICATIONS
Systems calibration
Electronics level setting
Mechanical trimmers replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
FUNCTIONAL BLOCK DIAGRAMS
A1
VDD
GND
SDA
SCL
W1
RDAC
REGISTER 1
SERIAL INPUT
REGISTER
B1
A2
W2
RDAC
REGISTER 2
B2
FUSE
LINKS
12
/
8
Figure 1. AD5172 Functional Block Diagram
VDD
GND
SDA
SCL
AD0
AD1
W1
RDAC
REGISTER 1
ADDRESS
DECODE
SERIAL INPUT
REGISTER
B1
W2
RDAC
REGISTER 2
B2
FUSE
LINKS
12
/8
Figure 2. AD5173 Functional Block Diagram
GENERAL DESCRIPTION
The AD5172/AD5173 are dual-channel, 256-position, one-time
programmable (OTP) digital potentiometers1 that employ fuse
link technology to achieve memory retention of resistance
settings. OTP is a cost-effective alternative to EEMEM for users
who do not need to program the digital potentiometer setting
in memory more than once. These devices perform the same
electronic adjustment function as mechanical potentiometers or
variable resistors but with enhanced resolution, solid-state reliabil-
ity, and superior low temperature coefficient performance.
The AD5172/AD5173 are programmed using a 2-wire, I2C®-
compatible digital interface. Unlimited adjustments are allowed
before permanently setting the resistance value. During OTP
activation, a permanent blow fuse command freezes the wiper
position (analogous to placing epoxy on a mechanical trimmer).
Unlike traditional OTP digital potentiometers, the AD5172/
AD5173 have a unique temporary OTP overwrite feature that
allows for new adjustments even after a fuse is blown. However,
the OTP setting is restored during subsequent power-up condi-
tions. This allows users to treat these digital potentiometers as
volatile potentiometers with a programmable preset.
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.


同様の部品番号 - AD5172BRMZ50-RL72

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5172BRM10 AD-AD5172BRM10 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5172BRM10-RL7 AD-AD5172BRM10-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5172BRM100 AD-AD5172BRM100 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5172BRM100-RL7 AD-AD5172BRM100-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5172BRM2.5 AD-AD5172BRM2.5 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results

同様の説明 - AD5172BRMZ50-RL72

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com