データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR510ARTZ-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADR510ARTZ-REEL7
部品情報  1.0 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR510ARTZ-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button ADR510ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR510ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR510
Rev. B | Page 9 of 12
PRECISE NEGATIVE VOLTAGE REFERENCE
The ADR510 is suitable for use in applications where a precise
negative voltage reference is desired, including the application
detailed in Figure 13.
Figure 14 shows the ADR510 configured to provide an output
of −1.0 V.
–1.0V
I
–VDD
R1
ADR510
+
Figure 14. Precise −1.0 V Reference Configuration
Because the ADR510 characteristics resemble those of a Zener
diode, the cathode shown in Figure 14 is 1.0 V higher with
respect to the anode (V+ with respect to V− on the ADR510
package). Because the cathode of the ADR510 is tied to ground,
the anode must be −1.0 V.
R1 in Figure 14 should be chosen so that 100 μA to 10 mA is
provided to properly bias the ADR510.
I
V
R1
DD )
(
1
=
(5)
The R1 resistor should be chosen so that power dissipation is at
a minimum. An ideal resistor value can be determined through
manipulation of Equation 5.


同様の部品番号 - ADR510ARTZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR510ART-R2 AD-ADR510ART-R2 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510ART-REEL7 AD-ADR510ART-REEL7 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
More results

同様の説明 - ADR510ARTZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com