データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL312ACPZ データシート(PDF) 6 Page - Analog Devices

部品番号 ADXL312ACPZ
部品情報  3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL312ACPZ データシート(HTML) 6 Page - Analog Devices

Back Button ADXL312ACPZ Datasheet HTML 2Page - Analog Devices ADXL312ACPZ Datasheet HTML 3Page - Analog Devices ADXL312ACPZ Datasheet HTML 4Page - Analog Devices ADXL312ACPZ Datasheet HTML 5Page - Analog Devices ADXL312ACPZ Datasheet HTML 6Page - Analog Devices ADXL312ACPZ Datasheet HTML 7Page - Analog Devices ADXL312ACPZ Datasheet HTML 8Page - Analog Devices ADXL312ACPZ Datasheet HTML 9Page - Analog Devices ADXL312ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADXL312
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE.
24 SDA/SDI/SDIO
23 SDO/ALT ADDRESS
22 RESERVED
21 INT2
20 INT1
19 NC
18 NC
17 NC
1
2
3
4
5
6
7
8
GND
RESERVED
GND
GND
VS
CS
RESERVED
NC
TOP VIEW
(Not to Scale)
ADXL312
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
This pin must be connected to ground.
2
Reserved
Reserved. This pin must be connected to VS or left open.
3
GND
This pin must be connected to ground.
4
GND
This pin must be connected to ground.
5
VS
Supply Voltage.
6
CS
Chip Select.
7
Reserved
Reserved. This pin must be left open.
8 to19
NC
No Connect. Do not connect to this pin.
20
INT1
Interrupt 1 Output.
21
INT2
Interrupt 2 Output.
22
Reserved
Reserved. This pin must be connected to GND or left open.
23
SDO/ALT ADDRESS
Serial Data Out, Alternate I2C Address Select.
24
SDA/SDI/SDIO
Serial Data (I2C), Serial Data In (SPI 4-Wire), Serial Data In/Out (SPI 3-Wire).
25
NC
No Connect. Do not connect to this pin.
26
SCL/SCLK
Serial Communications Clock.
27 to 30
NC
No Connect. Do not connect to this pin.
31
VDD I/O
Digital Interface Supply Voltage.
32
NC
No Connect.
EP
The exposed pad must be soldered to the ground plane.


同様の部品番号 - ADXL312ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ-RL AD-ADXL312ACPZ-RL Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results

同様の説明 - ADXL312ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com