データシートサーチシステム |
|
FSTUD162450MTD データシート(PDF) 7 Page - Fairchild Semiconductor |
|
FSTUD162450MTD データシート(HTML) 7 Page - Fairchild Semiconductor |
7 / 11 page 7 www.fairchildsemi.com AC Electrical Characteristics Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance). AC Electrical Characteristics: Translating Diode Note 9: This parameter is guaranteed by design but is not tested. This bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance). Capacitance (Note 10) Note 10: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested. Symbol Parameter TA = −40 °C to +85 °C, Units CL = 50pF, RU = RD = 500Ω Conditions Figure VCC = 4.5 – 5.5V VCC = 4.0V (S2 = 0V) Number Min Max Min Max tPHL, tPLH Propagation Delay Bus-to-Bus (Note 8) 1.25 1.25 ns VI = OPEN Figures 2, 3 tPZH, tPZL Output Enable Time 1.5 7.5 8.0 ns VI = 7V for tPZL Figures 2, 3 VI = OPEN for tPZH tPHZ, tPLZ Output Disable Time 1.5 7.7 8.2 ns VI = 7V for tPLZ Figures 2, 3 VI = OPEN for tPHZ tPZH, tPZL Sel (S0, 1) to Output Enable Time 1.5 8.0 8.5 ns VI = 7V for tPZL Figures 2, 3 VI = OPEN for tPZH tPHZ, tPLZ Sel (S0, 1) to Output Disable Time 1.5 8.5 8.7 ns VI = 7V for tPLZ Figures 2, 3 VI = OPEN for tPHZ Symbol Parameter TA = −40 °C to +85 °C, Units CL = 50pF, RU = RD = 500Ω Conditions Figure VCC = 4.5 – 5.5V (S2 = VCC) Number Min Max tPHL, tPLH Propagation Delay Bus-to-Bus (Note 9) 1.25 ns VI = OPEN Figures 2, 3 tPZH, tPZL Output Enable Time 1.5 10.0 ns VI = 7V for tPZL Figures 2, 3 VI = OPEN for tPZH tPHZ, tPLZ Output Disable Time 1.5 9.0 ns VI = 7V for tPLZ Figures 2, 3 VI = OPEN for tPHZ tPZH, tPZL Sel (S0, 1) to Output Enable Time 1.5 11.0 ns VI = 7V for tPZL Figures 2, 3 VI = OPEN for tPZH tPHZ, tPLZ Sel (S0, 1) to Output Disable Time 1.5 10.0 ns VI = 7V for tPLZ Figures 2, 3 VI = OPEN for tPHZ Symbol Parameter Typ Max Units Conditions CIN Control Pin Input Capacitance 3.5 pF VCC = 5.0V, VIN = 0V CI/O Input/Output Capacitance “OFF State” 6pF VCC, OE = 5.0V, VIN = 0V |
同様の部品番号 - FSTUD162450MTD |
|
同様の説明 - FSTUD162450MTD |