データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3750-L0NA2 データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-3750-L0NA2
部品情報  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3750-L0NA2 データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3750-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Figure 6. Relative luminous intensity vs. angular displacement.
T-13/4 lamp.
Figure 7. Relative luminous intensity vs. angular displacement.
T-13/4 low profile lamp.
Figure 8. Relative luminous intensity vs. angular displacement.
T-1 lamp.
Intensity Range (mcd)
Color
Bin
Min.
Max.
Red
G
9.7
15.5
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
Maximum tolerance for each bin limit is ±18%.
Intensity Bin Limits


同様の部品番号 - HLMP-3750-L0NA2

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-3750-L00XX HP-HLMP-3750-L00XX Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

同様の説明 - HLMP-3750-L0NA2

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com