データシートサーチシステム |
|
HLMP-1790 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-1790 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 10 page Description These tinted diffused LED lamps are designed and opti- mized specifically for low DC current operation. Luminous intensity and forward voltage are tested at 2 mA to assure consistent brightness at TTL output current levels. Applications • Low power DC circuits • Telecommunications indicators • Portable equipment • Keyboard indicators HLMP-4700, HLMP-4719, HLMP-4740 HLMP-1700, HLMP-1719, HLMP-1790 T-13/4(5 mm),T-1 (3 mm), Low Current LED Lamps Data Sheet HLMP-4700, -4719, -4740 A HLMP-1700, -1719, -1790 B Features • Low power • High efficiency • CMOS-MOS compatible • TTL compatible • Wide viewing angle • Choice of package styles • Choice of colors Package Dimensions 25.40(1.00) MINIMUM 2.54 (0.100) NOM. 0.55 (0.022) 0.40 (0.016) 6.10 (0.240) 5.59 (0.220) 1.27(0.050) NOM. 0.89 (0.035) 0.64 (0.025) 5.08 (0.200) 4.57 (0.180) 9.19 (0.362) 8.43 (0.332) SQUARE TYP. CATHODE LEAD 0.65 (0.026) max 0.65 (0.026) max. 24.1(.95) MIN. 4.70 (.185) 4.19 (.165) 3.43 (.135) 2.92 (.115) 1.52 (.060) 1.02 (.040) 2.79 (.110) 2.29 (.090) 1.14 (.045) 0.51 (.020) (0.022) 0.55 SQ. TYP. (0.016) 0.40 Ø 3.17 (.125) 2.67 (.105) 6.35 (.250) 5.58 (.220) Notes: 1. All dimensions are in mm (inches). 2. An epoxy meniscus may extend about 1 mm (0.040") down the leads. 3. For PCB hole recommendations, see the Precautions section. |
同様の部品番号 - HLMP-1790 |
|
同様の説明 - HLMP-1790 |