データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD18N20V2TM データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQD18N20V2TM
部品情報  N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD18N20V2TM データシート(HTML) 2 Page - Fairchild Semiconductor

  FQD18N20V2TM Datasheet HTML 1Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 2Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 3Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 4Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 5Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 6Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 7Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 8Page - Fairchild Semiconductor FQD18N20V2TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 1.58mH, IAS = 18A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 18A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
200
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.25
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200 V, VGS = 0 V
--
--
1
µA
VDS = 160 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 7.5 A
--
0.12
0.14
gFS
Forward Transconductance
VDS = 40 V, ID = 7.5 A
(Note 4)
--
11
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
830
1080
pF
Coss
Output Capacitance
--
200
260
pF
Crss
Reverse Transfer Capacitance
--
25
33
pF
Coss
Output Capacitance
VDS = 160 V, VGS = 0 V,
f = 1.0 MHz
--
70
--
pF
Coss eff. Effective Output Capacitance
VDS = 0V to 160 V, VGS = 0 V
--
135
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100 V, ID = 18 A,
RG = 25 Ω
(Note 4, 5)
--
16
40
ns
tr
Turn-On Rise Time
--
133
275
ns
td(off)
Turn-Off Delay Time
--
38
85
ns
tf
Turn-Off Fall Time
--
62
135
ns
Qg
Total Gate Charge
VDS = 160 V, ID = 18 A,
VGS = 10 V
(Note 4, 5)
--
20
26
nC
Qgs
Gate-Source Charge
--
5.6
--
nC
Qgd
Gate-Drain Charge
--
10
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
15
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
60
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 15 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 18 A,
dIF / dt = 100 A/µs
(Note 4)
--
158
--
ns
Qrr
Reverse Recovery Charge
--
1.0
--
µC
©2009 Fairchild Semiconductor Corporation
FQD18N20V2 / FQU18N20V2 Rev. C0
www.fairchildsemi.com


同様の部品番号 - FQD18N20V2TM

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FQD18N20V2TM VBSEMI-FQD18N20V2TM Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

同様の説明 - FQD18N20V2TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com