データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD850N10L データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDD850N10L
部品情報  N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD850N10L データシート(HTML) 6 Page - Fairchild Semiconductor

  FDD850N10L Datasheet HTML 1Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 2Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 3Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 4Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 5Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 6Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 7Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
©2010 Fairchild Semiconductor Corporation
FDD850N10L Rev. C0
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


同様の部品番号 - FDD850N10L

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD850N10L ISC-FDD850N10L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
More results

同様の説明 - FDD850N10L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
   N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
HUF75652G3 ONSEMI-HUF75652G3 Datasheet
545Kb / 12P
   MOSFET ??Power, N-Channel, Ultrafet 100 V, 75 A, 8 m
March, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
   N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
logo
ON Semiconductor
FDBL86066-F085 ONSEMI-FDBL86066-F085 Datasheet
483Kb / 8P
   N?륝hannel POWERTRENCH MOSFET 100 V, 240 A, 4.1 m
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FDMS7570S FAIRCHILD-FDMS7570S Datasheet
347Kb / 8P
   N-Channel PowerTrench SyncFETTM 25 V, 49 A, 1.95 m Ohm
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDMS7608S FAIRCHILD-FDMS7608S Datasheet
386Kb / 12P
   Dual N-Channel PowerTrench MOSFET Q1: 30 V, 22 A, 10.0 m Ohm Q2: 30 V, 30 A, 6.3 m Ohm
logo
ON Semiconductor
HUF75645P3 ONSEMI-HUF75645P3 Datasheet
465Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 75 A, 14 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC86106LZ FAIRCHILD-FDMC86106LZ_13 Datasheet
278Kb / 7P
   N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com