データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N2982BJAN データシート(PDF) 5 Page - Microsemi Corporation

部品番号 1N2982BJAN
部品情報  10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2982BJAN データシート(HTML) 5 Page - Microsemi Corporation

  1N2982BJAN Datasheet HTML 1Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 2Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 3Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 4Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 5Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 6Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 7Page - Microsemi Corporation 1N2982BJAN Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T4-LDS-0075, Rev. 3 (5/24/13)
©2013 Microsemi Corporation
Page 5 of 8
1N2970B – 1N3015B and
1N3993A – 1N3998A
NOTES:
1.
1N3993A - 1N3998A and 1N2970B – 1N3015B series are +/- 5% tolerance. If a tighter tolerance is required, consult factory.
2.
The electrical characteristics are measured after allowing the device to stabilize for 90 seconds with 30
oC base temperature.
3.
The Zener impedance (ZZT) is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal
to 10% of the dc Zener current (IZT or IZK) is superimposed on IZT or IZK. When making Zener impedance measurements at
the IZK test point, it may be necessary to insert a 60 Hz band pass filter between the diode and voltmeter to avoid errors
resulting from low level noise signals. A curve showing the variation of Zener impedance vs. Zener current for three
representative types is shown in Figures 2 and 3. Also see Microsemi MicroNote 202.
4.
Derate IZ linearly to 0.0 mA at +175°C, for TC > +55°C. These values of IZM may be exceeded in the case of individual
diodes. The values shown are calculated for the worst case that is a unit of +/-5% tolerance at the high voltage end of its
tolerance range. Allowance has also been made for the rise in Zener voltage above VZT, which results from Zener
impedance and the increase in junction temperature as power dissipation approaches 10 watts.


同様の部品番号 - 1N2982BJAN

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N2982B MICROSEMI-1N2982B Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2982B MICROSEMI-1N2982B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N2982B MICROSEMI-1N2982B Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2982B NAINA-1N2982B Datasheet
107Kb / 1P
   Zener Diodes
1N2982B NAINA-1N2982B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
More results

同様の説明 - 1N2982BJAN

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N6051AJANTX MICROSEMI-1N6051AJANTX Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com