データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1270F160BLQBT データシート(PDF) 1 Page - E-SWITCH

部品番号 TL1270F160BLQBT
部品情報  LED Illumination, Tape & Reel packaging, Right angle design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1270F160BLQBT データシート(HTML) 1 Page - E-SWITCH

  TL1270F160BLQBT Datasheet HTML 1Page - E-SWITCH TL1270F160BLQBT Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
tl1270 SerieS tact Switch
Specifications subject to change without notice
• LEDIllumination
• Tape&Reelpackaging
• Rightangledesign
• Goldorsilvercontactoption
• Longorshortcapoptions
ElectricalRating: 50mA @ 12VDC
LifeExpectancy: 100,000 Cycles
ContactResistance:500mΩ Max.
InsulationResistance: 100 MΩ Min. at 100VDC
DielectricStrength:250VAC for 1 min.
OperatingTemperature: -40°C to 85°C
StorageTemperature: -40°C to 85°C
OperatingForce: 160 gf, 250 gf
Travel: 0.20mm
ContactArrangement: SPST, Normally Open, Momentary
TL1270
A - Short
B- Long
F160
F250
BL - Blue
GY - Green/Yellow
bi-color
RE - Red
YE - Yellow
WH - White
Q - Silver
R - Gold
Series
CapStyle
Force
Color
ContactPlating
Medical Equipment
T- Transparent
CapColor


同様の部品番号 - TL1270F160BLQBT

メーカー部品番号データシート部品情報
logo
E-SWITCH
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
More results

同様の説明 - TL1270F160BLQBT

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com