データシートサーチシステム |
|
CS1616-FZZR データシート(PDF) 9 Page - Cirrus Logic |
|
CS1616-FZZR データシート(HTML) 9 Page - Cirrus Logic |
9 / 16 page CS1615/16 DS961F1 9 dimmer switch on the falling edge of the input voltage using a source-controlled dimmer-compatibility circuit. 5.3.2 Switch Overpower Protection To prevent excessive power dissipation on the source-switched FET Q1, the CS1615/16 monitors voltage across FET Q1 and current flow through FET Q1 to calculate average power dissipation. If the calculated power exceeds the overpower protection threshold a fault condition occurs. The IC output is disabled and the controller attempts to restart after approximately thirty seconds. 5.4 Voltage Clamp Circuit To keep trailing-edge dimmer switches conducting and from misfiring, the dimmer switch internal capacitor has to be charged quickly around the trailing edge of the phase-cut waveform. In addition to the dimmer compatible circuit, an optional clamp circuit provides a high-current sinking path for delivering the required amount of charge onto the dimmer switch capacitor in a short amount of time. The CS1615/16 provides active clamp circuitry on the CLAMP pin, as shown in Figure 12. 5.4.1 Clamp Overpower Protection The CS1615/16 clamp overpower protection (COP) control logic averages the turn-on time of the clamp circuit. If the output of the averaging logic exceeds 10%, a COP event is actuated. The clamp circuit is disabled as well as the flyback/buck-boost controller and the dimmer-compatibility circuit. The COP fault state is not cleared until the power to the IC is recycled. 5.5 Dimmer Angle Extraction and the Dim Mapping Algorithm When operating with a dimmer, the dimming signal is extracted in the time domain and is proportional to the conduction angle of the dimmer. A control variable is passed to the quasi-resonant flyback/buck-boost controller to achieve a wide range of output currents. 5.6 Dual-mode Flyback/Buck-boost The CS1615/16 is configurable for isolated or non-isolated topologies using a flyback transformer or buck-boost inductor, respectively. The CS1615/16 controls the dual-mode flyback/buck-boost to satisfy the dimmer hold current requirement in Dimmer Mode and provide power factor correction in No-dimmer Mode. The dual-mode ensures a minimum average input current greater than the required dimmer hold current when behind a dimmer and shapes the line current when not behind a dimmer to provide power factor correction. It also ensures half line-cycle averaged constant output current. Figure 13 illustrates the dual-mode flyback topology. The CS1615/16 regulates output current using primary-side control, which eliminates the need for opto-coupler feedback. The control loop operates in peak current control mode. Demagnetization time of the transformer is sensed by the FBAUX pin using an auxiliary winding and is used as an input to the control loop. Figure 11. Trailing-edge Mode Phase-cut Waveform CLAMP RClamp ICLAMP Vrect S1 CS1615/16 VDD Q T1 R4 D3 R6 C6 R5 Q3 RSense 3 13 GD 2 IAC Figure 12. CLAMP Pin Model RCTRL2 CTRL2 FBAUX GND GD 9 12 CS1615/16 16 13 T1 D3 R6 C6 Q3 RSense Vrect FBSENSE 11 C7 LED+ LED- R7 C8 R8 VAUX D5 D4 Figure 13. Flyback Model |
同様の部品番号 - CS1616-FZZR |
|
同様の説明 - CS1616-FZZR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |