データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S1200 データシート(PDF) 11 Page - Analog Devices

部品番号 AD2S1200
部品情報  12-Bit R/D Converter with Reference Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 データシート(HTML) 11 Page - Analog Devices

Back Button AD2S1200 Datasheet HTML 7Page - Analog Devices AD2S1200 Datasheet HTML 8Page - Analog Devices AD2S1200 Datasheet HTML 9Page - Analog Devices AD2S1200 Datasheet HTML 10Page - Analog Devices AD2S1200 Datasheet HTML 11Page - Analog Devices AD2S1200 Datasheet HTML 12Page - Analog Devices AD2S1200 Datasheet HTML 13Page - Analog Devices AD2S1200 Datasheet HTML 14Page - Analog Devices AD2S1200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD2S1200
Rev. 0 | Page 11 of 24
CONNECTING THE CONVERTER
Refer to Figure 5. Ground should be connected to the AGND
pin and DGND pin. Positive power supply VDD = +5 V dc ± 5%
should be connected to the AVDD pin and DVDD pin. Typical
values for the decoupling capacitors are 10 nF and 4.7 µF,
respectively. These capacitors should be placed as close to the
device pins as possible, and should be connected to both AVDD
and DVDD. If desired, the reference oscillator frequency can be
changed from the nominal value of 10 kHz using FS1 and FS2.
Typical values for the oscillator decoupling capacitors are 20 pF.
Typical values for the reference decoupling capacitors are 10 µF
and 0.01 µF, respectively.
DVDD
5V
1
2
3
4
5
6
7
8
9
10
11
RESET
33
32
31
30
29
28
27
26
25
24
DGND
8.912
MHz
20pF
20pF
4.7
µF
10nF
23
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
AD2S1200
10
µF
10nF
5V
S2
S6
S3
S1
4.7
µF
10nF
5V
BUFFER
CIRCUIT
BUFFER
CIRCUIT
R2
R1
Figure 5. Connecting the AD2S1200 to a Resolver
The gain of the buffer depends on the type of resolver used.
Since the specified excitation output amplitudes are matched to
the specified Sin/Cos input amplitudes, the gain of the buffer is
determined by the attenuation of the resolver.
In this recommended configuration, the converter introduces a
VREF/2 offset in the Sin, Cos signals coming from the resolver.
Of course, the SinLO and CosLO signals may be connected to a
different potential relative to ground, as long as the Sin and Cos
signals respect the recommended specifications. Note that since
the EXC/EXC outputs are differential, there is an inherent gain
of 2×.
For example, if the primary to secondary turns ratio is 2:1, the
buffer will have unity gain. Likewise, if the turns ratio is 5:1, the
gain of the buffer should be 2.5×. Figure 6 suggests a buffer
circuit. The gain of the circuit is
)
1
/
2
(
R
R
Gain −
=
and
×
 +
×
=
IN
REF
OUT
V
R
R
R
R
V
V
1
2
1
2
1
VREF is set so that VOUT is always a positive value, eliminating the
need for a negative supply.
12V
EXC/EXC
(VIN)
5V
(VREF)
R2
12V
VOUT
33
33
R1
442
1.24k
12V
2.7k
2.7k
Figure 6. Buffer Circuit
Separate screened twisted cable pairs are recommended for
analog inputs Sin/SinLO and Cos/CosLO. The screens should
terminate to REFOUT. To achieve the dynamic performance
specified, an 8.192 MHz crystal must be used.


同様の部品番号 - AD2S1200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200WST AD-AD2S1200WST Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200YST AD-AD2S1200YST Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
More results

同様の説明 - AD2S1200

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com