データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5304BRM データシート(PDF) 7 Page - Analog Devices

部品番号 AD5304BRM
部品情報  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5304BRM データシート(HTML) 7 Page - Analog Devices

Back Button AD5304BRM Datasheet HTML 3Page - Analog Devices AD5304BRM Datasheet HTML 4Page - Analog Devices AD5304BRM Datasheet HTML 5Page - Analog Devices AD5304BRM Datasheet HTML 6Page - Analog Devices AD5304BRM Datasheet HTML 7Page - Analog Devices AD5304BRM Datasheet HTML 8Page - Analog Devices AD5304BRM Datasheet HTML 9Page - Analog Devices AD5304BRM Datasheet HTML 10Page - Analog Devices AD5304BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
VOUTA 2
VOUTB 3
VOUTC 4
REFIN 5
AD5304/
AD5314/
AD5324
TOP VIEW
(Not to Scale)
SYNC
10
SCLK
9
DIN
8
GND
7
VOUTD
6
Figure 3. 10-Lead MSOP Pin Configuration
VDD
VOUTA
VOUTB
VOUTC
REFIN
AD5304/
AD5314/
AD5324
NOTES
1. THE EXPOSED PAD IS THE GROUND REFERENCE POINT
FOR ALL CIRCUITRY ON THE PART. IT CAN BE
CONNECTED TO 0 V OR LEFT UNCONNECTED PROVIDED
THERE IS A CONNECTION TO 0 V VIA THE GND PIN.
TOP VIEW
(Not to Scale)
SCLK
DIN
GND
VOUTD
SYNC
1
2
3
4
5
10
9
8
7
6
Figure 4. 10-Lead LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply can be decoupled to GND.
2
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
VOUTC
Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
REFIN
Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD.
6
VOUTD
Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7
GND
Ground Reference Point for All Circuitry on the Part.
8
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling edge of the
serial clock input. The DIN input buffer is powered down after each write cycle.
9
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can
be transferred at clock speeds up to 30 MHz. The SCLK input buffer is powered down after each write cycle.
10
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it
enables the input shift register and data is transferred in on the falling edges of the following 16 clocks. If SYNC is
taken high before the 16th falling edge of SCLK, the rising edge of SYNC acts as an interrupt and the write
sequence is ignored by the device.
Exposed
Paddle1
Ground Reference Point for All Circuitry on the Part. Can be connected to 0 V or left unconnected provided there is
a connection to 0 V via the GND pin.
1 For the 10-Lead LFCSP only.


同様の部品番号 - AD5304BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5304BRMZ AD-AD5304BRMZ Datasheet
607Kb / 24P
   Quad Voltage Output DACs
AD5304BRMZ-REEL AD-AD5304BRMZ-REEL Datasheet
607Kb / 24P
   Quad Voltage Output DACs
AD5304BRMZ-REEL7 AD-AD5304BRMZ-REEL7 Datasheet
607Kb / 24P
   Quad Voltage Output DACs
More results

同様の説明 - AD5304BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com