データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA75307P3 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HUFA75307P3
部品情報  15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75307P3 データシート(HTML) 5 Page - Fairchild Semiconductor

  HUFA75307P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75307P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75307P3, HUFA75307D3, HUFA75307D3S Rev. B
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.0
1.5
2.0
2.5
-40
0
40
80
120
160
200
0.5
-80
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 15A
DUTY CYCLE = 0.5% MAX
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.8
1.0
1.2
-40
0
40
80
120
160
200
-80
0.6
1.0
1.1
1.2
-40
0
40
80
120
160
200
-80
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
200
300
400
10
20
30
40
50
60
0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
VGS = 0, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
2
4
6
8
10
24
68
10
0
0
VDD = 30V
Qg, GATE CHARGE (nC)
ID = 15A
ID = 12A
ID = 7.5A
ID = 4A
WAVEFORMS IN
DESCENDING ORDER:
HUFA75307P3, HUFA75307D3, HUFA75307D3S


同様の部品番号 - HUFA75307P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
More results

同様の説明 - HUFA75307P3

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HUF75307P3 INTERSIL-HUF75307P3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75307P3 FAIRCHILD-HUF75307P3 Datasheet
219Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com