データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML03211R8PAT2A データシート(PDF) 1 Page - AVX Corporation

部品番号 ML03211R8PAT2A
部品情報  Organic Passive Components Low ESR Microwave Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

ML03211R8PAT2A データシート(HTML) 1 Page - AVX Corporation

  ML03211R8PAT2A Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
ML
AVX Style
03
Case Size
03 = 0603
5
Voltage
Code
5 = 50V
V = 250V
1
1R8
P
A
Failure Rate
Code
A = Not
Applicable
T2A
Organic Passive Components
Low ESR Microwave Capacitors
HOW TO ORDER
Temperature
Coefficient Code
1 = 0±30ppm
Termination Style
Code
T = Ni, Tin
Capacitance
Tolerance Code
P = ± .02 pF
A = ± .05 pF
B = ±.10 pF
C = ±.25 pF
D = ±.5 pF
F = ±1%
G = ±2%
J = ±5%
Capacitance
EIA Capacitance Code in pF.
First two digits = significant
figures or “R” for decimal
place.
Third digit = number of zeros
or after “R” significant figures.
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481
(equivalent to IEC 286 part 3).
—8mm carrier
—7" reel, 3,000 pcs per reel
Packaging Code
2A = 7" Reel Unmarked
Case
Length (L)
Width (W)
Thickness (T)
Band Width (B)
Castellation Radius (R)
0603
0.063 ± 0.004
0.033 ± 0.004
0.025 ± 0.004
0.015 ± 0.005
0.008 ± 0.002
(1.600 ± 0.102)
(0.838 ± 0.102)
(0.635 ± 0.102)
(0.381 ± 0.127)
(0.203 ± 0.051)
MECHANICAL DIMENSIONS: inches (millimeters)
FEATURES
• Low ESR
• Hi-Q®
• High Self Resonance
• Tight Tolerance
APPLICATIONS
• RF Power Amplifiers
• Low Noise Amplifiers
• Filter Networks
W
L
B
R
T
Based on its patented multilayer low loss organic (MLO) technology. These new
capacitors represent a paradigm shift from traditional ceramic and thin film passive
SMD components. Multilayer Organic Capacitors (MLOC) are polymer based
capacitors that use high conductivity copper interconnects in a multilayer fashion.
The ability to fabricate these components on large area substrates and state of the
art laser direct imaging allow for improved cost benefits and tolerance control. The
end result is a state of the art low ESR and high SRF low profile RF capacitor that can
support frequencies well above one GHz. Additionally MLOCs are expansion
matched to printed circuit boards to allow for improved reliability.


同様の部品番号 - ML03211R8PAT2A

メーカー部品番号データシート部品情報
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308 Datasheet
271Kb / 4P
   ML0308 Backlight LED Boost Converter
ML0308 MINILOGIC-ML0308 Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
ML0308A MINILOGIC-ML0308A Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
ML0308AMRG MINILOGIC-ML0308AMRG Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
ML0308B MINILOGIC-ML0308B Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
More results

同様の説明 - ML03211R8PAT2A

メーカー部品番号データシート部品情報
logo
AVX Corporation
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
List of Unclassifed Man...
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
HOKURIKU ELECTRIC INDUS...
DLS-1050-1 HOKURIKU-DLS-1050-1 Datasheet
56Kb / 1P
   Microwave Components
E2518AA HOKURIKU-E2518AA Datasheet
67Kb / 1P
   Microwave Components
logo
Kemet Corporation
A700V107M002ATE018 KEMET-A700V107M002ATE018 Datasheet
1Mb / 12P
   ALUMINUM ORGANIC CAPACITORS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com