データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA75542S3S データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 HUFA75542S3S
部品情報  75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75542S3S データシート(HTML) 4 Page - Fairchild Semiconductor

  HUFA75542S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75542P3, HUFA75542S3S Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
1
10
100
1
10
100
200
500
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
µs
10ms
1ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
100
1000
0.001
0.1
1
10
0.01
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
30
60
90
120
150
23
45
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
30
60
90
120
150
01
23
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 6V
VGS = 20V
VGS = 10V
VGS = 7V
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
HUFA75542P3, HUFA75542S3S


同様の部品番号 - HUFA75542S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Inchange Semiconductor ...
HUFA75545P3 ISC-HUFA75545P3 Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HUFA75545S3S FAIRCHILD-HUFA75545S3S Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results

同様の説明 - HUFA75542S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com