データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33063ADR2 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC33063ADR2
部品情報  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063ADR2 データシート(HTML) 4 Page - ON Semiconductor

  MC33063ADR2 Datasheet HTML 1Page - ON Semiconductor MC33063ADR2 Datasheet HTML 2Page - ON Semiconductor MC33063ADR2 Datasheet HTML 3Page - ON Semiconductor MC33063ADR2 Datasheet HTML 4Page - ON Semiconductor MC33063ADR2 Datasheet HTML 5Page - ON Semiconductor MC33063ADR2 Datasheet HTML 6Page - ON Semiconductor MC33063ADR2 Datasheet HTML 7Page - ON Semiconductor MC33063ADR2 Datasheet HTML 8Page - ON Semiconductor MC33063ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
4
0
2
4
6
8
10
12
14
16
18
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
20
40
60
80
100
120
140
160
180
Figure 3. Oscillator Frequency
VCC = 5.0 V, Pin 7 = VCC
Pin 5 = GND, TA = 25°C
Ct, TIMING CAPACITOR CAPACITANCE (nF)
ON TIME (ms)
OFF TIME (ms)
FREQUENCY (kHz)
VCC = 5.0 V
Pin 7 = VCC
Pin 2 = GND
Pins 1, 5, 8 = Open
CT = 1.0 nF
TA = 25°C
Figure 4. Timing Capacitor Waveform
10
ms/DIV
Figure 5. Emitter Follower Configuration Output
Saturation Voltage versus Emitter Current
Figure 6. Common Emitter Configuration Output
Switch Saturation Voltage versus
Collector Current
Figure 7. Current Limit Sense Voltage
versus Temperature
Figure 8. Standby Supply Current versus
Supply Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IE, EMITTER CURRENT (A)
VCC = 5.0 V
Pins 1, 7, 8 = VCC
Pins 3, 5 = GND
TA = 25°C
(See Note 7)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IC, COLLECTOR CURRENT(A)
Darlington Connection
Forced
b = 20
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 5.0 V
Ichg = Idischg
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
CT = 1.0 nF
Pin 7 = VCC
Pin 2 = GND
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
1.1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
400
380
360
340
320
300
280
260
240
220
200
3.6
3.2
2.4
2.0
1.6
1.2
0.8
0.4
0
1.0
2.8
VCC = 5.0 V
Pin 7 = VCC
Pins 2, 3, 5 = GND
TA = 25°C
(See Note 7)
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.


同様の部品番号 - MC33063ADR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

同様の説明 - MC33063ADR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com