データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33063ADR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC33063ADR2G
部品情報  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063ADR2G データシート(HTML) 1 Page - ON Semiconductor

  MC33063ADR2G Datasheet HTML 1Page - ON Semiconductor MC33063ADR2G Datasheet HTML 2Page - ON Semiconductor MC33063ADR2G Datasheet HTML 3Page - ON Semiconductor MC33063ADR2G Datasheet HTML 4Page - ON Semiconductor MC33063ADR2G Datasheet HTML 5Page - ON Semiconductor MC33063ADR2G Datasheet HTML 6Page - ON Semiconductor MC33063ADR2G Datasheet HTML 7Page - ON Semiconductor MC33063ADR2G Datasheet HTML 8Page - ON Semiconductor MC33063ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
August, 2010 − Rev. 23
1
Publication Order Number:
MC34063A/D
MC34063A, MC33063A,
SC34063A, SC33063A,
NCV33063A
1.5 A, Step-Up/Down/
Inverting Switching
Regulators
The MC34063A Series is a monolithic control circuit containing the
primary functions required for DC−to−DC converters. These devices
consist of an internal temperature compensated reference, comparator,
controlled duty cycle oscillator with an active current limit circuit,
driver and high current output switch. This series was specifically
designed to be incorporated in Step−Down and Step−Up and
Voltage−Inverting applications with a minimum number of external
components. Refer to Application Notes AN920A/D and AN954/D
for additional design information.
Features
Operation from 3.0 V to 40 V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Pb−Free Packages are Available
Figure 1. Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
-
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
(Bottom View)
This device contains 79 active transistors.
SOIC−8
D SUFFIX
CASE 751
PDIP−8
P, P1 SUFFIX
CASE 626
1
8
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
x
= 3 or 4
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
1
8
3x063AP1
AWL
YYWWG
1
8
33063AVP
AWL
YYWWG
MARKING
DIAGRAMS
1
8
3x063
ALYWA
G
1
8
3x063V
ALYWA
G
1
8
1
DFN8
CASE 488AF
33063
ALYWA
G


同様の部品番号 - MC33063ADR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Tiger Electronic Co.,Lt...
MC33063ADR2G TGS-MC33063ADR2G Datasheet
2Mb / 7P
   Switching Regulators
logo
ON Semiconductor
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

同様の説明 - MC33063ADR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com