データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA75639S3S データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 HUFA75639S3S
部品情報  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75639S3S データシート(HTML) 3 Page - Fairchild Semiconductor

  HUFA75639S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75639G3, HUFA75639P3, HUFA75639S3S Rev. B
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
2000
-
pF
Output Capacitance
COSS
-
500
-
pF
Reverse Transfer Capacitance
CRSS
-65
-
pF
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 56A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 56A, dISD/dt = 100A/µs
-
-
110
ns
Reverse Recovered Charge
QRR
ISD = 56A, dISD/dt = 100A/µs
-
-
320
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
TC, CASE TEMPERATURE (
oC)
0
10
20
30
40
50
60
25
50
75
100
125
150
175
0.01
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
SINGLE PULSE
t, RECTANGULAR PULSE DURATION (s)
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
HUFA75639G3, HUFA75639P3, HUFA75639S3S


同様の部品番号 - HUFA75639S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

同様の説明 - HUFA75639S3S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com