データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1A-P-24V データシート(PDF) 4 Page - Panasonic Semiconductor

部品番号 CB1A-P-24V
部品情報  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1A-P-24V データシート(HTML) 4 Page - Panasonic Semiconductor

  CB1A-P-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1A-P-24V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
REFERENCE DATA
CB RELAYS (Standard type)
1. Allowable ambient temperature
(Heat resistant standard type)
2. Max. switching capability (Resistive load)
(Standard type)
3. Ambient temperature and operating voltage
range
(Standard type)
20
40
60
80
100
120
140
150
90
100
110
120
130
140
150
Applied coil voltage, %V
30A
40A
20A
0
Switching current, A
10
50
40
30
20
60
020
30
40
10
50
105 cycle line
Actual value
(Max. 105 cycle)
(N.O. side Room temperature)
0
Ambient temperature,
°C
5
10
15
35
30
25
20
40
–40 –20
20
40
60
100
0
120
8085
Pick-up voltage
(Cold start)
Operating voltage range
Assumption:
• Maximum mean coil temperature: 180
°C
• Curves are based on 1.4W (Nominal power consumption of the unsupprressed coil at nominal voltage)
4. Distribution of pick-up and drop-out voltage
Sample: CB1-P-12V, 42pcs.
5. Distribution of operate and release time
Sample: CB1-P-12V, 42pcs.
0
30
20
10
40
50
60
1.5 2.0 2.5 3.0 3.5
4.5 5.0
4.0
5.5 6.0
Pick-up voltage
Drop-out voltage
Voltage, V
0
30
20
10
40
50
60
3.0
2.0
1.5
1.0
2.5
3.5
4.5 5.0
4.0
5.5 6.0
7.0
6.5
Operate time
Release time
Operate and release time, ms
6. Electrical life test (Motor free)
Sample: CB1F-12V, 5pcs.
Load: 25A 14V DC, motor free actual load
Operating frequency: ON 1s, OFF 9s
Ambient temperature: Room temperature
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
0
No. of operations,
× 104
Max.
Max.
Min.
Min.
X
X
2
1
4
6
5
3
010
5
Pick-up voltage
Drop-out voltage
0
No. of operations,
× 104
Max.
Min.
X
20
40
10
3
50
010
5
Load current waveform
Inrush current: 80A, Steady current: 25A
20A
200ms
Tested sample
Relay harness
Motor
M
14V DC
Observation of load waveform
with current probe and digital
oscilloscope


同様の部品番号 - CB1A-P-24V

メーカー部品番号データシート部品情報
logo
Nais(Matsushita Electri...
CB1A-P-24V NAIS-CB1A-P-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-P-24V PANASONIC-CB1A-P-24V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

同様の説明 - CB1A-P-24V

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com