データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1-P-12V データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 CB1-P-12V
部品情報  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1-P-12V データシート(HTML) 5 Page - Panasonic Semiconductor

  CB1-P-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1-P-12V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
CB RELAYS (High contact capacity type)
1. Allowable ambient temperature
(High resistant/high contact capacity type)
2. Ambient temperature and operating voltage
range
(High contact capacity/standard type)
3. Distribution of pick-up and drop-out voltage
Sample: CB1aHF-12V, 53pcs.
20
40
60
80
100
120
140
150
90
100
110
120
130
140
150
Applied coil voltage, %V
70A
30A
40A
50A
60A
Ambient temperature,
°C
0
5
10
15
35
30
25
20
40
−40 −20
20
40
60
100
0
120
80 85
Pick-up voltage
(Cold start)
Operating voltage range
0
30
20
10
40
50
60
70
1.5
1.0
0.5
0
2.5
2.0
3.0 3.5
4.5 5.0
4.0
5.5 6.0 6.5
Voltage, V
Pick-up voltage
Drop-out voltage
Assumption:
• Maximum mean coil temperature: 180
°C
• Curves are based on 1.4W (Nominal power consumption of the unsupprressed coil at nominal voltage)
4. Distribution of operate and release time
Sample: CB1aHF-12V, 53pcs.
5. Contact resistance
Sample: CB1aHF-12V, 53pcs.
(By voltage drop 6V DC 1A)
0
6
4
2
8
10
12
12
10
814
Release time
Coil voltage, V
Operate time
0
30
20
10
40
50
60
70
Resistance, m
1.0 1.2 1.4 1.6 1.8
2.2 2.4
2.0
2.6 2.8
6. Electrical life test (Motor free)
Sample: CB1aH-12V, 3pcs.
Load: Inrush current: 64A/Steady current: 35A
Fan motor actual load (motor free) 12V DC
Operating frequency: ON 3s, OFF 7s
Ambient temperature: Room temperature
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
10s
3s
7s
M
0
No. of operations,
× 104
Max.
Max.
Min.
Min.
X
X
2
1
4
6
8
9
7
5
3
10
010
5
Pick-up voltage
Drop-out voltage
0
No. of operations,
× 104
Max.
Min.
X
10
50
20
30
40
010
5
Load current waveform
Inrush current: 64A, Steady current: 35A
500ms
10A


同様の部品番号 - CB1-P-12V

メーカー部品番号データシート部品情報
logo
Nais(Matsushita Electri...
CB1-P-12V NAIS-CB1-P-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1-P-12V PANASONIC-CB1-P-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

同様の説明 - CB1-P-12V

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com